Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 28 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5753 Datasheet HTML 24Page - Analog Devices AD5753 Datasheet HTML 25Page - Analog Devices AD5753 Datasheet HTML 26Page - Analog Devices AD5753 Datasheet HTML 27Page - Analog Devices AD5753 Datasheet HTML 28Page - Analog Devices AD5753 Datasheet HTML 29Page - Analog Devices AD5753 Datasheet HTML 30Page - Analog Devices AD5753 Datasheet HTML 31Page - Analog Devices AD5753 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
AD5753
Data Sheet
Rev. 0 | Page 28 of 72
GENERAL
0
10
20
30
40
50
60
70
80
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
LOGIC INPUT VOLTAGE (V)
VLOGIC = 3.3V
TA = 25°C
Figure 69. VLOGIC Current vs. Logic Input Voltage
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
5
10
15
20
25
30
35
AVDD1/|AVSS| VOLTAGE SUPPLY (V)
VOUT = 0V
TA = 25°C
AIDD1
AISS
Figure 70. AIDD1/AISS Current vs. AVDD1/|AVSS| Voltage Supply
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5
10
15
20
25
30
35
AVDD1 VOLTAGE SUPPLY (V)
AIDD1
IOUT = 0mA
TA = 25°C
Figure 71. AIDD1 Current vs. AVDD1 Voltage Supply
9.90
9.95
10.00
10.05
10.10
10.15
–40
25
70
105
125
TEMPERATURE (°C)
AVDD2 = 5.5V
TA = 25°C
Figure 72. MCLK Frequency vs. Temperature
0
5
10 15 20 25 30 35 40 45 50 55 60 65
75
70
3.21
3.22
3.23
3.24
3.25
3.26
3.27
3.28
3.29
3.30
3.31
LOAD CURRENT (mA)
AVDD2 = 15V
TA = 25°C
Figure 73. VLDO vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com