Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 44 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD5753 Datasheet HTML 40Page - Analog Devices AD5753 Datasheet HTML 41Page - Analog Devices AD5753 Datasheet HTML 42Page - Analog Devices AD5753 Datasheet HTML 43Page - Analog Devices AD5753 Datasheet HTML 44Page - Analog Devices AD5753 Datasheet HTML 45Page - Analog Devices AD5753 Datasheet HTML 46Page - Analog Devices AD5753 Datasheet HTML 47Page - Analog Devices AD5753 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
AD5753
Data Sheet
Rev. 0 | Page 44 of 72
ADC_IP_SELECT
VIN Node Description
ADC Transfer Function
10011
Reserved
Reserved
10100
INT_AVCC
INT_AVCC (V) = D/212 × 10
10101
VLDO
VLDO (V) = D/212 × 10
10110
VLOGIC
VLOGIC (V) = D/212 × 10
11000
REFGND
REFGND (V) = D/212 × 2.5
11001
AGND
AGND (V) = D/212 × 2.5
11010
DGND
DGND (V) = D/212 × 2.5
11011
VDPC+
VDPC+ (V) = D/212 × 37.5
11100
AVDD2
AVDD2 (V) = D/212 × 37.5
11101
VDPC−
VDPC− (V) = (15 × D/212 − 14) × 2.5
11110
DC-to-dc die node; configured in the DCDC_CONFIG2 register
00: AGND on dc-to-dc die
AGND (dc-to-dc) (V) = (D/212) × 2.5
01: Internal 2.5 V supply on dc-to-dc die
Internal 2.5 V (dc-to-dc) (V) = (D/212) × 5
10: AVDD1
AVDD1 (V) = D/212 × 37.5
11: AVSS
AVSS (V) = (15 × D/212 − 14) × 2.5
11111
REFOUT
REFOUT (V) = (D/212) × 2.5
TEMPERATURE
SENSOR
ANALOG
DIAGNOSTICS
12-BIT
ADC
AD5753
AVSS
AGND
AVDD2
DGND
SCLK
SDI
SDO
SYNC
FAULT
DATA AND
CONTROL
REGISTERS
DIGITAL
BLOCK
WATCHDOG
TIMER
STATUS
REGISTER
POWER-ON
RESET
REFERENCE
BUFFERS
DAC
REG
VREF
CALIBRATION
MEMORY
VOUT
RANGE
SCALING
REFOUT
REFIN
AD1
AD0
16-BIT
DAC
16
16
SW+
VDPC+
USER GAIN
USER OFFSET
RB
+VSENSE
–VSENSE
CHART
IOUT
RANGE
SCALING
IOUT
VOUT
DC-TO-DC DIE
CLKOUT
REFGND
NOTES
1. GRAY ITEMS REPRESENT DIAGNOSTIC ADC INPUT NODES.
VLOGIC
VIOUT
CCOMP
PGND1
RESET
VLDO
VDPC+
MCLK
10MHz
RSET
VX
LDAC
3-WIRE INTERFACE
TEMPERATURE,
INTERNAL 2.5V SUPPLY,
DC-TO-DC DIE TO AGND
–VSENSE
+VSENSE
REFIN
POWER MANAGEMENT
BLOCK
INT_AVCC, REF2
AVDD1
RA
–
GPIO_1
GPIO_2
GPIO_0
SW+
DC-TO-DC DIE
PGND2
VDPC-
VDPC-
ADC1
ADC2
HART_EN
VDPC+
VDPC–
Figure 85. Diagnostic ADC Input Nodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com