Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 60 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD5753 Datasheet HTML 56Page - Analog Devices AD5753 Datasheet HTML 57Page - Analog Devices AD5753 Datasheet HTML 58Page - Analog Devices AD5753 Datasheet HTML 59Page - Analog Devices AD5753 Datasheet HTML 60Page - Analog Devices AD5753 Datasheet HTML 61Page - Analog Devices AD5753 Datasheet HTML 62Page - Analog Devices AD5753 Datasheet HTML 63Page - Analog Devices AD5753 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
AD5753
Data Sheet
Rev. 0 | Page 60 of 72
DC-to-DC Configuration 1 Register
Address: 0x0B, Reset: 0x0B0000, Name: DCDC_CONFIG1
The DCDC_CONFIG1 register configures the dc-to-dc controller mode.
Table 38. Bit Descriptions for DCDC_CONFIG1
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:8]
Reserved
Reserved. Do not alter the default value of this bit.
0x0
R0
7
Reserved
Reserved. Do not alter the default value of this bit.
0x0
R/W
[6:5]
DCDC_MODE
These two bits configure the dc-to-dc converters.
0x0
R/W
00: dc-to-dc converter powered off (default).
01: DPC current mode. The positive and negative DPC rails tracks the headroom and
footroom of the current output buffer.
10: DPC voltage mode. The positive DPC rail is regulated to 15 V with respect to
−VSENSE. If enabled, the negative DPC rail is also regulated to −15 V with respect to
−VSENSE.
11: PPC current mode. VDPC+ and VDPC− (if enabled) is regulated to a user programmable
level between ±5 V and ±25.677 V (depending on the DCDC_VPROG bits, Bits[4:0]) with
respect to −VSENSE. If the VDPC− is disabled, the ENABLE_PPC_BUFFERS bit (Bit 11 in the
ADC_CONFIG register) must be set prior to enabling PPC current mode.
[4:0]
DCDC_VPROG
DC-to-dc programmed voltage in PPC mode. VDPC+ and VDPC− is regulated to a user
programmable level between ±5 V (0b00000) and ±25.677 V (0b11111), in steps of
0.667 V with respect to −VSENSE.
0x0
R/W
DC-to-DC Configuration 2 Register
Address: 0x0C, Reset: 0x0C0100, Name: DCDC_CONFIG2
The DCDC_CONFIG2 register configures various dc-to-dc die features, such as the dc-to-dc converter current limit and the dc-to-dc die
node, to be multiplexed to the ADC.
Table 39. Bit Descriptions for DCDC_CONFIG2
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the
FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:13]
Reserved
Reserved. Do not alter the default value of these bits.
0x0
R0
12
BUSY_3WI
Three-wire interface busy indicator.
0x0
R
0: 3-wire interface not currently active.
1: 3-wire interface busy.
11
INTR_SAT_3WI
Three-wire interface saturation flag. This flag is set to 1 when the
interrupt detection circuitry is automatically disabled due to six
consecutive interrupt signals. A write to either of the dc-to-dc
configuration registers clears this bit to 0.
0x0
R
10
DCDC_READ_COMP_DIS
Disables 3-wire interface read and compare cycle. This read and compare
cycle ensures that copied contents of the dc-to-dc configuration
registers on the main die match the dc-to-dc die contents on the.
0x0
R/W
0: enable automatic read and compare cycle (default).
1: when set, this bit disables the automatic read and compare cycle
after each 3-wire interface write.
[9:8]
Reserved
Reserved. Do not alter the default value of these bits.
0x1
R/W
7
VIOUT_OV_ERR_DEGLITCH
Adjusts the deglitch time on VIOUT overvoltage error flag.
0x0
R/W
0: deglitch time set to 1.02 ms (default).
1: deglitch time set to 128 μs.
6
VIOUT_PULLDOWN_EN
Enables the 30 kΩ resistor to ground on VIOUT.
0x0
R/W
0: disable (default).
1: enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com