Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 30 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD5753 Datasheet HTML 26Page - Analog Devices AD5753 Datasheet HTML 27Page - Analog Devices AD5753 Datasheet HTML 28Page - Analog Devices AD5753 Datasheet HTML 29Page - Analog Devices AD5753 Datasheet HTML 30Page - Analog Devices AD5753 Datasheet HTML 31Page - Analog Devices AD5753 Datasheet HTML 32Page - Analog Devices AD5753 Datasheet HTML 33Page - Analog Devices AD5753 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
AD5753
Data Sheet
Rev. 0 | Page 30 of 72
Line Regulation
Line regulation is the change in reference output voltage due to
a specified change in power supply voltage. It is expressed in
ppm/V.
Load Regulation
Load regulation is the change in reference output voltage due to
a specified change in reference load current. It is expressed in
ppm/mA.
Dynamic Power Control (DPC)
In DPC mode, the AD5753 circuitry senses the output voltage
and dynamically regulates the supply voltage, VDPC+, to meet
compliance requirements plus an optimized headroom voltage
for the output buffer.
Programmable Power Control (PPC)
In PPC mode, the VDPC+ voltage is user programmable to a fixed
level that must accommodate the required maximum output load.
Output Voltage Settling Time
Output voltage settling time is the amount of time the output takes
to settle to a specified level for a full-scale input change. This
specification depends on the manner in which the DPC feature
is configured, such as enabled, disabled, or PPC mode enabled,
and on the characteristics of the external dc-to-dc inductor and
capacitor components used.
Slew Rate
The device slew rate is a limitation in the rate of change of the
output voltage. The output slewing speed of a voltage output
DAC is usually limited by the slew rate of the amplifier used at
the output. Slew rate is measured from 10% to 90% of the
output signal and is expressed in V/µs.
Power-On Glitch Energy
Power-on glitch energy is the impulse injected into the analog
output when the AD5753 is powered on. It is specified as the
area of the glitch in nV-sec.
Digital-to-Analog Glitch Energy
Digital-to-analog glitch energy is the energy of the impulse injected
into the analog output when the input code in the DAC output
register changes state. It is normally specified as the area of the
glitch in nV-sec. The worst case usually occurs when the digital
input code is changed by 1 LSB at the major carry transition
(0x7FFF to 0x8000).
Glitch Impulse Peak Amplitude
Glitch impulse peak amplitude is the peak amplitude of the
impulse injected into the analog output when the input code in the
DAC output register changes state. It is specified as the amplitude
of the glitch in millivolts and the worst case usually occurs when
the digital input code is changed by 1 LSB at the major carry
transition (0x7FFF to 0x8000).
Digital Feedthrough
Digital feedthrough is a measure of the impulse injected into
the DAC analog output from the DAC digital inputs. However,
the digital feedthrough is measured when the DAC output is
not updated, which occurs when the LDAC pin is held high. The
digital feedthrough is specified in nV-sec and measured with a
full-scale code change on the data bus.
Power Supply Rejection Ratio (PSRR)
PSRR indicates how the output of the DAC is affected by changes
in the power supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com