Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5753 Datasheet HTML 14Page - Analog Devices AD5753 Datasheet HTML 15Page - Analog Devices AD5753 Datasheet HTML 16Page - Analog Devices AD5753 Datasheet HTML 17Page - Analog Devices AD5753 Datasheet HTML 18Page - Analog Devices AD5753 Datasheet HTML 19Page - Analog Devices AD5753 Datasheet HTML 20Page - Analog Devices AD5753 Datasheet HTML 21Page - Analog Devices AD5753 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
AD5753
Data Sheet
Rev. 0 | Page 18 of 72
–0.010
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
–40
25
70
105
125
TEMPERATURE (°C)
5V RANGE
10V RANGE
±5V RANGE
±10V RANGE
AVDD1 = VDPC+ = +15V
AVSS = VDPC– = –15V
1kΩ LOAD
Figure 13. Full-Scale Error vs. Temperature
TEMPERATURE (°C)
–0.006
–0.005
–0.004
–0.003
–0.002
–0.001
0
0.001
0.002
–40
25
70
105
125
5V RANGE
10V RANGE
AVDD1 = VDPC+ = +15V
AVSS = VDPC– = –15V
1kΩ LOAD
Figure 14. Offset Error vs. Temperature
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
0.010
–40
25
70
105
125
TEMPERATURE (°C)
5V RANGE
10V RANGE
±5V RANGE
±10V RANGE
AVDD1 = VDPC+ = +15V
AVSS = VDPC– = –15V
1kΩ LOAD
Figure 15. Gain Error vs. Temperature
TEMPERATURE (°C)
–0.020
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0.020
–40
25
70
105
125
±5V RANGE
±10V RANGE
AVDD1 = VDPC+ = +15V
AVSS = VDPC– = –15V
1kΩ LOAD
Figure 16. Bipolar Zero Error vs. Temperature
–0.010
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
–40
25
70
105
125
TEMPERATURE (°C)
5V RANGE
10V RANGE
±5V RANGE
±10V RANGE
AVDD1 = VDPC+ = +15V
AVSS = VDPC– = –15V
1kΩ LOAD
Figure 17. Zero-Scale Error vs. Temperature
–0.005
–0.003
–0.001
–0.002
–0.004
0.001
0.002
0
0.004
0.003
0.005
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
AVDD1/|AVSS| SUPPLY (V)
0V TO 10V RANGE, MAX INL
0V TO 10V RANGE, MIN INL
1kΩ LOAD
TA = 25°C
Figure 18. INL Error vs. AVDD1/|AVSS| Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com