Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 33 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD5753 Datasheet HTML 29Page - Analog Devices AD5753 Datasheet HTML 30Page - Analog Devices AD5753 Datasheet HTML 31Page - Analog Devices AD5753 Datasheet HTML 32Page - Analog Devices AD5753 Datasheet HTML 33Page - Analog Devices AD5753 Datasheet HTML 34Page - Analog Devices AD5753 Datasheet HTML 35Page - Analog Devices AD5753 Datasheet HTML 36Page - Analog Devices AD5753 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
Data Sheet
AD5753
Rev. 0 | Page 33 of 72
Calculating Supply Voltage
Assuming DPC current mode, use the following equation to
calculate the supply voltage:
VDPC− minimum = IOUT minimum voltage + IOUT headroom =
−22.5 V
where:
IOUT minimum = −20 mA; RLOAD = −20 V
IOUT minimum voltage = IOUT minimum × RLOAD = −20 V
IOUT headroom = −2.5 V
The |VDPC− to AVSS| headroom is calculated as 5% of −22.5 V =
−1.125 V. Therefore, AVSS (minimum) = −22.5 V − 1.125 V =
−23.625 V. Assuming a worst case AVSS supply rail tolerance of
±10%, this example requires an AVSS supply rail of
approximately −26 V.
For unipolar current output ranges, with negative rail DPC
disabled, AVSS can be tied to AGND (0 V) and can be connected
VDPC− to AVSS. For unipolar voltage output ranges, the maximum
AVSS is −2 V to enable sufficient footroom for the internal voltage
output circuitry. If negative rail DPC is disabled, connect VDPC−
to AVSS. To avoid power supply sequencing issues, a Schottky diode
must be placed between VDPC− and ground and the ground supply
must always be available.
AVDD2 Considerations
AVDD2 is the positive low voltage supply rail and has a range of 5 V
to 33 V. If only one positive power rail is available, AVDD2 can be
tied to AVDD1. However, to optimize for reduced power dissipation,
supply AVDD2 with a separate lower voltage supply.
VLOGIC Considerations
VLOGIC is the digital supply for the device and ranges from 1.71 V to
5.5 V. The 3.3 V VLDO output voltage can be used to drive VLOGIC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com