Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5753 Datasheet HTML 15Page - Analog Devices AD5753 Datasheet HTML 16Page - Analog Devices AD5753 Datasheet HTML 17Page - Analog Devices AD5753 Datasheet HTML 18Page - Analog Devices AD5753 Datasheet HTML 19Page - Analog Devices AD5753 Datasheet HTML 20Page - Analog Devices AD5753 Datasheet HTML 21Page - Analog Devices AD5753 Datasheet HTML 22Page - Analog Devices AD5753 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
Data Sheet
AD5753
Rev. 0 | Page 19 of 72
–1.0
–0.6
–0.2
–0.4
–0.8
0.2
0.4
0
0.8
0.6
1.0
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
AVDD1/|AVSS| SUPPLY (V)
0V TO 10V RANGE, MAX DNL
0V TO 10V RANGE, MIN DNL
1kΩ LOAD
TA = 25°C
Figure 19. DNL Error vs. AVDD1/|AVSS| Supply
–0.05
–0.03
–0.01
–0.02
–0.04
0.01
0.02
0
0.04
0.03
0.05
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
AVDD1/|AVSS| SUPPLY (V)
0V TO 10V RANGE, MAX TUE
0V TO 10V RANGE, MIN TUE
1kΩ LOAD
TA = 25°C
Figure 20. TUE vs. AVDD1/|AVSS| Supply
OUTPUT CURRENT (mA)
–0.0010
–0.0006
–0.0002
–0.0004
–0.0008
0.0002
0.0004
0
0.0008
0.0006
0.0010
–20
4
–4
8
–8
0
12
–12
–16
16
20
AVDD1 = VDPC+ = +15V
AVSS = VDPC = –15V
±10V RANGE
TA = 25°C
Figure 21. Sink and Source Capability of the Output Amplifier
–15
–10
–5
0
5
10
15
–5
0
5
10
15
TIME (μs)
AVDD1 = VDPC+ = +15V
AVSS = VDPC = –15V
±10V RANGE
OUTPUT UNLOADED
TA = 25°C
Figure 22. Full-Scale Positive Step
–15
–10
–5
0
5
10
15
–5
0
5
10
15
TIME (μs)
AVDD1 = VDPC+ = +15V
AVSS = VDPC = –15V
±10V RANGE
OUTPUT UNLOADED
TA = 25°C
Figure 23. Full-Scale Negative Step
–0.025
–0.020
–0.015
–0.010
–0.05
0
0.05
0.10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TIME (µs)
HIGH TO LOW
LOW TO HIGH
AVDD1 = VDPC+ = +15V
AVSS = VDPC = –15V
0 TO 10V RANGE
1kΩ LOAD
TA = 25°C
Figure 24. Digital-to-Analog Glitch Major Code Transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com