Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 4 Page - Analog Devices

  AD5753 Datasheet HTML 1Page - Analog Devices AD5753 Datasheet HTML 2Page - Analog Devices AD5753 Datasheet HTML 3Page - Analog Devices AD5753 Datasheet HTML 4Page - Analog Devices AD5753 Datasheet HTML 5Page - Analog Devices AD5753 Datasheet HTML 6Page - Analog Devices AD5753 Datasheet HTML 7Page - Analog Devices AD5753 Datasheet HTML 8Page - Analog Devices AD5753 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
AD5753
Data Sheet
Rev. 0 | Page 4 of 72
SPECIFICATIONS
AVDD1 = VDPC+ = 15 V, dc-to-dc converter disabled, AVDD2 = 5 V, AVSS = VDPC− = −15 V, VLOGIC = 1.71 V to 5.5 V, AGND = DGND =
REFGND = PGND1 = 0 V, REFIN = 2.5 V external, voltage output: load resistance (RLOAD) = 1 kΩ, load capacitor (CLOAD) = 220 pF,
current output: RLOAD = 300 Ω. All specifications at TA = −40°C to +115°C, TJ (junction temperature) < 125°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT VOLTAGE (VOUT)
0
5
V
Trimmed VOUT ranges
0
10
V
−5
+5
V
−10
+10
V
Output Voltage Overranges
0
6
V
Untrimmed overranges
0
12
V
−6
+6
V
−12
+12
V
Output Voltage Offset Ranges
−0.3
+5.7
V
Untrimmed negatively offset ranges
−0.4
+11.6
V
Resolution
16
Bits
VOLTAGE OUTPUT ACCURACY
Loaded and unloaded, accuracy specifications
refer to trimmed VOUT ranges only, unless
otherwise noted
Total Unadjusted Error (TUE)
−0.05
+0.05
% FSR
−0.01
+0.01
% FSR
TA = 25°C
TUE Long-Term Stability1
15
ppm FSR
Drift after 1000 hours, TJ = 150°C
Output Drift
0.35
1.5
ppm FSR/°C
Output drift
Integral Nonlinearity (INL)
−0.006
+0.006
% FSR
All ranges
Differential Nonlinearity (DNL)
−1
+1
LSB
Guaranteed monotonic, all ranges
Zero-Scale Error
−0.02
±0.002
+0.02
% FSR
Zero-Scale Error Temperature
Coefficient (TC)2
±0.3
ppm FSR/°C
Bipolar Zero Error
−0.017
+0.001
+0.017
% FSR
±5 V, ±10 V
Bipolar Zero Error TC2
±0.4
ppm FSR/°C
±5 V, ±10 V
Offset Error
−0.022
±0.002
+0.022
% FSR
Offset Error TC2
±0.3
ppm FSR/°C
Gain Error
−0.022
±0.001
+0.022
% FSR
Gain Error TC2
±0.6
ppm FSR/°C
Full-Scale Error
−0.022
±0.001
+0.022
% FSR
Full-Scale Error TC2
±0.5
ppm FSR/°C
VOLTAGE OUTPUT
CHARACTERISTICS
Headroom
2
V
Minimum voltage required between VIOUT and
VDPC+ supply
Footroom
2
V
Minimum voltage required between VIOUT and
VDPC− supply
Short-Circuit Current
16
mA
Load2
1
kΩ
For specified performance
Capacitive Load Stability2
10
nF
2
µF
External compensation capacitor of 220 pF
connected
DC Output Impedance
7
mΩ
DC Power Supply Rejection
Ratio (PSRR)
10
µV/V
VOUT and −VSENSE Common-
Mode Rejection Ratio
(CMRR)
10
µV/V
Error in VOUT voltage due to changes in −VSENSE
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com