Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 72 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD5753 Datasheet HTML 64Page - Analog Devices AD5753 Datasheet HTML 65Page - Analog Devices AD5753 Datasheet HTML 66Page - Analog Devices AD5753 Datasheet HTML 67Page - Analog Devices AD5753 Datasheet HTML 68Page - Analog Devices AD5753 Datasheet HTML 69Page - Analog Devices AD5753 Datasheet HTML 70Page - Analog Devices AD5753 Datasheet HTML 71Page - Analog Devices AD5753 Datasheet HTML 72Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 72 / 72 page
background image
AD5753
Data Sheet
Rev. 0 | Page 72 of 72
OUTLINE DIMENSIONS
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
EXPOSED
PAD
PIN 1
INDICATOR
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
6.10
6.00 SQ
5.90
1.00
0.95
0.85
0.45
0.40
0.35
0.25 MIN
*4.70
4.60 SQ
4.50
*COMPLIANT TO JEDEC STANDARDS MO-220-VJJD-5
WITH THE EXCEPTION OF THE EXPOSED PAD DIMENSION.
40
1
11 10
20
21
30
31
Figure 94. 40-Lead Lead Frame Chip Scale Package [LFCSP]
6 mm × 6 mm Body and 0.95 mm Package Height
(CP-40-15)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD5753BCPZ-REEL
−40°C to +115°C
40-Lead Lead Frame Chip Scale Package [LFCSP]
CP-40-15
AD5753BCPZ-RL7
−40°C to +115°C
40-Lead Lead Frame Chip Scale Package [LFCSP]
CP-40-15
EVAL-AD5753SDZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D17285-0-5/19(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com