Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 61 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 61 Page - Analog Devices

Back Button AD5753 Datasheet HTML 57Page - Analog Devices AD5753 Datasheet HTML 58Page - Analog Devices AD5753 Datasheet HTML 59Page - Analog Devices AD5753 Datasheet HTML 60Page - Analog Devices AD5753 Datasheet HTML 61Page - Analog Devices AD5753 Datasheet HTML 62Page - Analog Devices AD5753 Datasheet HTML 63Page - Analog Devices AD5753 Datasheet HTML 64Page - Analog Devices AD5753 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
Data Sheet
AD5753
Rev. 0 | Page 61 of 72
Bits
Bit Name
Description
Reset
Access
[5:4]
DCDC_ADC_CONTROL_DIAG
Selects which dc-to-dc die node is multiplexed to the ADC on the
main die.
0x0
R/W
00: AGND on dc-to-dc die.
01: internal 2.5 V supply on dc-to-dc die.
10: AVDD1.
11: reserved. Do not select this option.
[3:1]
DCDC_ILIMIT
These three bits set the dc-to-dc converter current limit.
0x0
R/W
000: 150 mA (default).
001: 200 mA.
010: 250 mA.
011: 300 mA.
100: 350 mA.
101: 400 mA.
110: 400 mA.
111: 400 mA.
0
DCDC_NEG_EN
Enables negative dc-to-dc.
0x0
R/W
0: disable (default).
1: enable.
GPIO Configuration Register
Address: 0x0D, Reset: 0x0D0000, Name: GPIO_CONFIG
The GPIO_CONFIG register configures the GPIO pins as either inputs, outputs or 100 kΩ to DGND.
Table 40. Bit Descriptions for GPIO_CONFIG
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:6]
Reserved
Reserved.
0x0
R0
[5:4]
GPIO_2_CFG
Configuration bits for GPIO_2.
0x0
R/W
00: 100 kΩ to DGND (default).
01: GPO mode. GPIO_2 pin goes to the value of the GPO_2_WRITE bit.
10: GPI mode. GPO_2_READ is the value of the GPIO_2 pin.
11: reserved.
[3:2]
GPIO_1_CFG
Configuration bits for GPIO_1.
0x0
R/W
00: 100 kΩ to DGND (default).
01: GPO mode. GPIO_1 pin goes to value in GPO_1_WRITE bit.
10: GPI mode. GPO_1_READ is the value of the GPI_1 pin.
11: reserved.
[1:0]
GPIO_0_CFG
Configuration bits for GPIO_0.
0x0
R/W
00: 100 kΩ to DGND (default).
01: GPO mode. GPIO_0 pin goes to value in GPO_0_WRITE bit.
10: GPI mode. GPO_0_WRITE is the value of the GPIO_0 pin.
11: reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com