Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5753 Datasheet HTML 4Page - Analog Devices AD5753 Datasheet HTML 5Page - Analog Devices AD5753 Datasheet HTML 6Page - Analog Devices AD5753 Datasheet HTML 7Page - Analog Devices AD5753 Datasheet HTML 8Page - Analog Devices AD5753 Datasheet HTML 9Page - Analog Devices AD5753 Datasheet HTML 10Page - Analog Devices AD5753 Datasheet HTML 11Page - Analog Devices AD5753 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
AD5753
Data Sheet
Rev. 0 | Page 8 of 72
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ADC
Resolution
12
Bits
Input Voltage Range
ADC1 Pin
0
0.5
V
ADC_IP_SELECT = 10000
−0.5
+0.5
V
ADC_IP_SELECT = 10010, AVSS must be ≤ −1 V
0
1.25
V
ADC_IP_SELECT = 01111
0
2.5
V
ADC_IP_SELECT = 10001
ADC2 Pin
−15
+15
V
Total Error
ADC1 Pin
−0.25
+0.25
% FSR
2.5 V input range
−0.3
+0.3
% FSR
1.25 V input range
−0.5
+0.5
% FSR
0 V to 0.5 V and ±0.5 V input ranges
ADC2 Pin
−0.5
+0.5
% FSR
All other ADC Inputs
±0.3
% FSR
Table 18 lists all ADC input nodes
Conversion Time2
100
μs
GENERAL-PURPOSE
INPUT/OUTPUT OUTPUT
ISOURCE or ISINK5
VLOGIC/1 kΩ
mA
Assume 1 kΩ is connected to the GPIO pin
Output Voltage
Low, VOL
0.4
V
ISOURCE = 2 mA
High, VOH
VLOGIC − 0.2
V
ISOURCE = 2 mA
GPIO INPUT
Input Voltage
High, VIH
0.7 × VLOGIC
V
Low, VIL
0.3 × VLOGIC
V
Input Current
1.35
μA
Input Capacitance
2.6
pF
DIGITAL OUTPUTS
SDO
Output Voltage
Low, VOL
0.4
V
Sinking = 200 μA
High, VOH
VLOGIC − 0.2
V
Sourcing = 200 μA
High Impedance Leakage
Current
−1
+1
μA
High Impedance Output
Capacitance2
2.2
pF
FAULT
Output Voltage
Low, VOL
0.4
V
10 kΩ pull-up resistor to VLOGIC
0.6
V
At 2.5 mA
High, VOH
VLOGIC −
0.05
V
10 kΩ pull-up resistor to VLOGIC
DIGITAL INPUTS
Input Voltage
3 V ≤ VLOGIC ≤ 5.5 V
High, VIH
0.7 × VLOGIC
V
Low, VIL
0.3 × VLOGIC
V
1.71 V ≤ VLOGIC < 3 V
High, VIH
0.8 × VLOGIC
V
Low, VIL
0.2 × VLOGIC
V
Input Current
−1.5
+1.5
μA
Per pin, internal pull-down on SCLK, SDI, RESET,
and LDAC; internal pull-up on SYNC
Pin Capacitance2
2.4
pF
Per pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com