Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5753 Datasheet HTML 2Page - Analog Devices AD5753 Datasheet HTML 3Page - Analog Devices AD5753 Datasheet HTML 4Page - Analog Devices AD5753 Datasheet HTML 5Page - Analog Devices AD5753 Datasheet HTML 6Page - Analog Devices AD5753 Datasheet HTML 7Page - Analog Devices AD5753 Datasheet HTML 8Page - Analog Devices AD5753 Datasheet HTML 9Page - Analog Devices AD5753 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
AD5753
Data Sheet
Rev. 0 | Page 6 of 72
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Offset Error TC2
±1
ppm FSR/°C
Gain Error
−0.1
±0.003
+0.1
% FSR
Gain Error TC2
±3
ppm FSR/°C
Full-Scale Error
−0.12
±0.003
+0.12
% FSR
Full-Scale Error TC2
±3
ppm FSR/°C
Bipolar Ranges
±20 mA, ±24 mA, and −1 mA to +22 mA ranges
TUE
−0.12
+0.12
% FSR
TUE Long-Term Stability1
380
ppm FSR
Drift after 1000 hours, TJ = 150°C
Output Drift
3
6
ppm FSR/°C
Output drift
INL
−0.02
+0.02
% FSR
DNL
−1
+1
LSB
Guaranteed monotonic
Zero-Scale Error
−0.06
±0.001
+0.06
% FSR
Zero-Scale TC2
±2
ppm FSR/°C
Bipolar Zero Error
−0.02
±0.002
+0.02
% FSR
Bipolar Zero Error TC2
±0.3
ppm FSR/°C
Offset Error
−0.06
±0.001
+0.06
% FSR
Offset Error TC2
±1
ppm FSR/°C
Gain Error
−0.12
±0.003
+0.12
% FSR
Gain Error TC2
±3
ppm FSR/°C
Full-Scale Error
−0.12
±0.003
+0.12
% FSR
Full-Scale Error TC2
±3
ppm FSR/°C
CURRENT OUTPUT
CHARACTERISTICS
Headroom
2.3
V
Minimum voltage required between VIOUT and
VDPC+ supply
Footroom
2.3 or 0
V
Minimum voltage required between VIOUT and
VDPC− supply; unipolar ranges do not require any
footroom and takes on the 0 value
Resistive Load2
1000
Ω
The dc-to-dc converter is characterized with
a maximum load of 1 kΩ, chosen such that
headroom and footroom compliance is not
exceeded
Output Impedance
100
MΩ
Midscale output
DC PSRR
0.1
µA/V
REFERENCE INPUT/OUTPUT
Reference Input
Reference Input Voltage4
2.5
V
For specified performance
DC Input Impedance
55
120
MΩ
Reference Output
Output Voltage
2.495
2.5
2.505
V
TA = 25°C (including drift after 1000 hours at TJ =
150°C)
Reference TC2
−10
+10
ppm/°C
Output Noise (0.1 Hz to
10 Hz)2
7
µV p-p
Noise Spectral Density2
80
nV/√Hz
At 10 kHz
Capacitive Load2
1000
nF
Load Current
3
mA
Short-Circuit Current
5
mA
Line Regulation
1
ppm/V
Load Regulation
140
ppm/mA
Thermal Hysteresis2
150
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com