Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 83 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 83 Page - Intel Corporation

Back Button 9880 Datasheet HTML 79Page - Intel Corporation 9880 Datasheet HTML 80Page - Intel Corporation 9880 Datasheet HTML 81Page - Intel Corporation 9880 Datasheet HTML 82Page - Intel Corporation 9880 Datasheet HTML 83Page - Intel Corporation 9880 Datasheet HTML 84Page - Intel Corporation 9880 Datasheet HTML 85Page - Intel Corporation 9880 Datasheet HTML 86Page - Intel Corporation 9880 Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 118 page
background image
Advanced 10/100 Repeater with Integrated Management — LXT9860/9880
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
83
Figure 36. 10BASE-T TP-to-MII Timing
Table 39. 10BASE-T TP-to-MII Timing Parameters
Parameter
Sym
Min
Typ
1
Max
Units
2
Test Conditions
TPIP/N in to CRS asserted
t11A
5
6.6
8
BT
–
CRS asserted to RXD, RX_DV,
RX_ER
t11B
70
76
84
BT
–
RX_CLK falling edge to RXD,
RX_DV, RX_ER valid
t11C
––
10
ns
–
TPIP/N in to COL asserted
t11D
6
7.4
9
BT
–
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production
testing.
2. Bit Time (BT) is the duration of one bit as transferred to/from the MAC and is the reciprocal of bit rate. BT
for 10BASE-T = 10
-7s or 100 ns.
RX_CLK
RXD,
RX_DV,
RX_ER
CRS
TPIP/N
COL
t11A
t11B
t11C
t11D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com