Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 38 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 38 Page - Intel Corporation

Back Button 9880 Datasheet HTML 34Page - Intel Corporation 9880 Datasheet HTML 35Page - Intel Corporation 9880 Datasheet HTML 36Page - Intel Corporation 9880 Datasheet HTML 37Page - Intel Corporation 9880 Datasheet HTML 38Page - Intel Corporation 9880 Datasheet HTML 39Page - Intel Corporation 9880 Datasheet HTML 40Page - Intel Corporation 9880 Datasheet HTML 41Page - Intel Corporation 9880 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 118 page
background image
LXT9860/9880 — Advanced 10/100 Repeater with Integrated Management
38
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
3.6.2
Clock
A stable, external 25 MHz reference clock source (TTL) is required to the CLK25 pin. The
reference clock is used to generate transmit signals and recover receive signals. A crystal-based
clock is recommended over a derived clock (i.e., PLL-based) to minimize transmit jitter. Refer to
Table 26 on page 67 for a list of recommended oscillators and to Table 29 on page 75 for clock
timing requirements.
3.6.3
Bias Resistor
The RBIAS input requires a 22.1 k
Ω, 1% resistor connected to ground.
3.6.4
Reset
At power-up, the reset input must be held Low until VCC reaches at least 3.15V. A buffer should be
used to drive reset if there are multiple LXT98x0 devices. The clock must be active.
Software and hardware resets are identical. Refer to Table 74 on page 108 and Table 84 on
page 113 for Software Reset details.
3.6.5
PROM
Although not required, an external, auto-incrementing 48-bit PROM can be used for two purposes:
• Support the PROM-based address arbitration scheme on the Serial Management Interface (See
“PROM Arbitration Mechanism” on page 58.)
• Assign a unique ID and upload configuration data to all LXT98x0s on a board
Multiple devices on the same board can share a single common PROM. The LXT98x0 with
ChipID = 00 actively reads the PROM at power-up; all other LXT98x0s “listen in”. If PROM
arbitration is not used, the PROM data input signal must be tied either High or Low. (See “Serial
PROM Interface” on page 59.)
3.6.6
Chip ID
Each cascaded LXT98x0 requires a unique 2-bit Chip ID value. The Serial Management Interface
(SMI) identifies each IC by ChipID. One LXT98x0 on each board must be assigned ChipID = 00.
In the Header Field, the Chip Address is defined by three bits. The Most Significant Bit (MSB) = 0;
the value of the other two bits is set by pins. Refer to “Serial Management I/F” on page 52.
3.6.7
Management Master I/O Link
In multiple device applications, the Management Master daisy chain (MMSTRIN/MMSTROUT)
ensures that collisions are counted correctly. Connect the MMSTRIN input to the MMSTROUT
output of the previous device when cascading and stacking. Ground the MMSTRIN input of the
first or only device. In hot-swap applications, resistive bypassing can be used with a 1 - 3 k
Ω value.
3.6.8
IRB Bus Pull-ups
Even when the LXT98x0 is used in a stand-alone configuration, pull-up resistors are required on
the IRB signals listed. See Figure 30 on page 74 and Figure 31 on page 74 for sample circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com