Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 97 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 97 Page - Intel Corporation

Back Button 9880 Datasheet HTML 93Page - Intel Corporation 9880 Datasheet HTML 94Page - Intel Corporation 9880 Datasheet HTML 95Page - Intel Corporation 9880 Datasheet HTML 96Page - Intel Corporation 9880 Datasheet HTML 97Page - Intel Corporation 9880 Datasheet HTML 98Page - Intel Corporation 9880 Datasheet HTML 99Page - Intel Corporation 9880 Datasheet HTML 100Page - Intel Corporation 9880 Datasheet HTML 101Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 118 page
background image
Advanced 10/100 Repeater with Integrated Management — LXT9860/9880
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
97
Table 47. RMON Counter Registers - 10 Mbps
Name
Addr
Description
etherStatsOctets
0B4
Counts total umber of data octets including those in bad packets
and octets in FCS fields, but does not include preamble or other
framing bits.
etherStatsPkts
0B5
Total number of packets received from network, including errored
packets.
etherStatsBroadcastPkts
0B6
Total number of good broadcast packets received.
etherStatsMulticastPkts
0B7
Total number of good multicast packets received. This number
does not include broadcast packets.
etherStatsCRCAlignErrors
0B8
Total number of valid-length packets (64 to 1518 bytes inclusive)
that did not contain an integral number of octets or had a bad
Frame Check Sequence (FCS).
etherStatsUndersizePkts
0B9
Total number of well-formed packets that were smaller than 64
octets (excluding framing bits but including FCS octets).
etherStatsOversizePkts
0BA
Total number of well-formed packets that were longer than 1518
octets (excluding framing bits but including FCS octets).
etherStatsFragments
0BB
Total number of packets received that were not an integral number
of octets in length or that had a bad Frame Check Sequence
(FCS) or Frame Alignment Error(FAE), and were less than 64
octets in length (excluding framing bits, but including FCS octets).
Note: a packet without SFD or 0 length is counted here.
etherStatsJabbers
0BC
Total number of packets received that were longer than 1518
octets (excluding framing bits, but including FCS octets), and were
not an integral number of octets in length or had a bad Frame
Check Sequence (FCS).
etherStatsCollisions/
rptrMonitor Transmit Collisions
0BD
The best estimate of the total number of collisions on this
segment.
etherStatsPkts64Octets
0BE
Total number of packets (including error packets) received that
were 64 octets in length (excluding framing bits but including FCS
octets).
etherStatsPkts65to127Octets
0BF
Total number of packets (including error packets) received that
were between 65 and 127 octets in length inclusive (excluding
framing bits but including FCS octets).
etherStatsPkts128to255Octets
0C0
Total number of packets (including error packets) received that
were between 128 and 255 octets in length inclusive (excluding
framing bits but including FCS octets).
etherStatsPkts256to511Octets
0C1
Total number of packets (including error packets) received that
were between 256 and 511 octets in length inclusive (excluding
framing bits but including FCS octets).
etherStatsPkts512to1023Octets
0C2
Total number of packets (including error packets) received that
were between 512 and 1023 octets in length inclusive (excluding
framing bits but including FCS octets).
etherStatsPkts1024to1518Octets
0C3
The total number of packets (including error packets) received that
were between 1024 and 1518 octets in length inclusive (excluding
framing bits but including FCS octets).
Reserved
0C4
-
rptrMonitorTotalOctets
0C5
Total number of octets contained in valid frames received on this
segment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com