Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 9 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 9 Page - Intel Corporation

Back Button 9880 Datasheet HTML 5Page - Intel Corporation 9880 Datasheet HTML 6Page - Intel Corporation 9880 Datasheet HTML 7Page - Intel Corporation 9880 Datasheet HTML 8Page - Intel Corporation 9880 Datasheet HTML 9Page - Intel Corporation 9880 Datasheet HTML 10Page - Intel Corporation 9880 Datasheet HTML 11Page - Intel Corporation 9880 Datasheet HTML 12Page - Intel Corporation 9880 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 118 page
background image
Datasheet
9
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
Advanced 10/100 Repeater with Integrated Management — LXT9860/9880
Revision History
Date
Revision
Page
Description
August 2001
003
75
Changed Absolute Maximum Ratings Supply Voltage value to 4.0V.
January 2001
002
Title Page
Added extended temperature range to title page.
13
Modified LXT98x0 Pins, Numeric Order table (Pins 10, 11, 17, 19, 20,
185.
38
Modified clock requirements language.
38
Replaced TBD with 3.15V under Reset.
65
Under Twisted Pair Interface, 4th bullet: Replaced text containingT-
BDs with: A ferrite bead with a total maximum current rating of
1.5Amp is recommended.
67
Modified Oscillator Manufacturers table.
75
Modified Absolute Maximum Ratings table.
75
Modified Operating Conditions table.
117, 118
Mechanical Specifications: Add part number LXT98x0AHC to
LXT98x0 Package Specifications Commercial Temperature figure;
Add page for LXT98x0 Package Specifications Extended Tempera-
ture figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com