Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 86 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 86 Page - Intel Corporation

Back Button 9880 Datasheet HTML 82Page - Intel Corporation 9880 Datasheet HTML 83Page - Intel Corporation 9880 Datasheet HTML 84Page - Intel Corporation 9880 Datasheet HTML 85Page - Intel Corporation 9880 Datasheet HTML 86Page - Intel Corporation 9880 Datasheet HTML 87Page - Intel Corporation 9880 Datasheet HTML 88Page - Intel Corporation 9880 Datasheet HTML 89Page - Intel Corporation 9880 Datasheet HTML 90Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 118 page
background image
LXT9860/9880 — Advanced 10/100 Repeater with Integrated Management
86
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
Table 42. 10 Mbps IRB-to-TP Port Timing Parameters
Parameter
Sym
Min
Typ
1
Max
Units
2
Test Conditions
MACACTIVE to IR10ENA
assertion delay 3
t14A
–
100
–
ns
MACACTIVE High to
IR10ENA Low. 4
IR10DAT (input) to IR10CLK setup
time
t14B
–
20
–
ns
IR10DAT valid to IR10CLK
rising edge.
4
IR10CLK to IR10DAT (input) hold
time
t14C
–
0
–
ns
IR10CLK rising edge to
IR10DAT change.
4
IR10ENA asserted to
TPOP/N active
t14D
4
5.1
6
BT
–
1. Typical values are at 25° C and are for design aid only; they are not guaranteed and not subject to
production testing.
2. Bit Time (BT) is the duration of one bit as transferred to/from the MAC and is the reciprocal of bit rate. BT
for 10BASE-T = 10
-7 s or 100 ns.
3. External devices should allow at least one 10 MHz clock cycle (10 ns) between assertion of MACACTIVE
and IR10ENA.
4. Input.
Figure 40. Serial Management Interface Timing
Table 43. Serial Management Interface Timing Characteristics
Parameter
Sym
Min
Typ
1
Max
Units
Test Conditions
SERCLK input frequency
––
–
2.0
MHz
Depending on RECONFIG,
this is either an input or
output.
SERCLK output frequency
–
625
–
kHz
Data to clock setup time
t15A
0
––
ns
SRX valid to SERCLK
rising edge.
2
Clock to data hold time
t15B
200
––
ns
SERCLK rising edge to
SRX change.
2
Data propagation delay
t15C
––
200
ns
SERCLK falling edge to
STX valid.
3
1. Typical values are at 25° C and are for design aid only; they are not guaranteed and not subject to
production testing.
2. Input.
3. Output.
t15A
t15B
t15C
SERCLK
SRX
STX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com