Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 37 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 37 Page - Intel Corporation

Back Button 9880 Datasheet HTML 33Page - Intel Corporation 9880 Datasheet HTML 34Page - Intel Corporation 9880 Datasheet HTML 35Page - Intel Corporation 9880 Datasheet HTML 36Page - Intel Corporation 9880 Datasheet HTML 37Page - Intel Corporation 9880 Datasheet HTML 38Page - Intel Corporation 9880 Datasheet HTML 39Page - Intel Corporation 9880 Datasheet HTML 40Page - Intel Corporation 9880 Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 118 page
background image
Advanced 10/100 Repeater with Integrated Management — LXT9860/9880
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
37
3.5
Management Support
3.5.1
Configuration and Status
The LXT98x0 provides management control and visibility of the following functions:
• Counter Reset and Zeroing
• Auto-negotiation (Control, Status, Advertisement, Link Partner, and Expansion)
• Device and Board Configuration
• LED Functions
• Source Address Tracking (per port)
• Source Address Matching (per chip)
• Device/Revision ID
3.5.2
SNMP and RMON Support
The LXT98x0 provides SNMP and RMON support through its statistics gathering function.
Statistics are gathered on all packets flowing through the device for each of the ports, including the
MII. The LXT98x0 maintains statistics for both the entire 10 Mbps and 100 Mbps repeaters,
independent of the speed setting of the MII ports. All statistics are stored in 32- or 64-bit registers.
Per-port counters include:
3.5.3
Source Address Management
The LXT98x0 provides two source address management functions per port: source address
tracking and source address matching. These functions allow a network manager to track source
addresses at each port, or to identify any port sourcing a particular address.
3.6
Requirements
3.6.1
Power
The LXT98x0 has four types of +3.3V power supply input pins: two digital (VCC, GND) and two
analog (VCCR, VCCT). These inputs may be supplied from a single source. Ferrite beads should
be used to separate the analog and digital planes. These supplies should be as clean as possible.
Each supply input should be decoupled to ground. Refer to Table 9 on page 28 for power and
ground pin assignments, and to the “General Design Guidelines” on page 61.
Readable Frames
Readable Octets
FCS Errors
Alignment Errors
FramesTooLong
ShortEvents
Runts
Collisions
LateEvents
VeryLongEvents
DataRateMismatch
AutoPartitions
Broadcast
Multicast
SA Changes
Isolates
Symbol Errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com