Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 22 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 9880 Datasheet HTML 18Page - Intel Corporation 9880 Datasheet HTML 19Page - Intel Corporation 9880 Datasheet HTML 20Page - Intel Corporation 9880 Datasheet HTML 21Page - Intel Corporation 9880 Datasheet HTML 22Page - Intel Corporation 9880 Datasheet HTML 23Page - Intel Corporation 9880 Datasheet HTML 24Page - Intel Corporation 9880 Datasheet HTML 25Page - Intel Corporation 9880 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 118 page
background image
LXT9860/9880 — Advanced 10/100 Repeater with Integrated Management
22
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
Table 5.
Inter-Repeater Backplane Signal Descriptions
Pin
Symbol
Type
1, 2
Description
Common IRB Signals
39
COMP_SEL
AI
Compatibility Mode Select. 3.3V on this pin causes the
IRCFSBP signals to operate in 3.3V only mode. 5V on this pin
causes the IR100CFSBP or IR10CFSBP signals to operate in 5V
backwards compatibility mode with legacy LXT98x and LXT91x
devices.
100 Mbps IRB Signals
36
IR100CFS
3
A I/O
OD
100 Mbps IRB Collision Force Sense. A three-level signal that
determines number of active ports on the “logical” repeater. High
level (3.3V) indicates no ports active; Mid level (approx. 1.6V)
indicates one port active; Low level (0V) indicates more than one
port active, resulting in a collision. This signal requires a 215
Ω
pull-up resistor, and connects between ICs on the same board.
37
IR100CFSBP
A I/O
OD
100 Mbps IRB Collision Force Sense - Backplane. This three-
level signal functions the same as IR100CFS; however, it
connects between ICs with Chip ID = 00, on different boards.
IR100CFSBP requires a single 91
Ω pull-up resistor in each stack.
This signal can be set in either 5V or 3.3V modes by the
COMP_SEL pin.
38
IR100SNGL
I/O
Schmitt
PU
100 Mbps Single Driver State. This active Low signal is asserted
by the device with Chip ID = 00 when a packet is received from
one or more ports. Do not connect this signal between boards.
40
IR100COL
I/O
Schmitt
PU
100 Mbps Multiple Driver State. This active Low signal is
asserted by the device with Chip ID = 00 when a packet is being
received from more than one port (collision). Do not connect this
signal between boards.
41
IR100DEN
O
OD
100 Mbps IRB Driver Enable. This output provides directional
control for an external bidirectional transceiver (74LVT245) used
to buffer the 100 Mbps IRB in multi-board applications. It must be
pulled up by a 330
Ω resistor. When there are multiple devices on
one board, tie all IR100DEN outputs together. If IR100DEN is tied
directly to the DIR pin on a 74LVT245, attach the on-board
IR100DAT, IR100CLK, and IR100DV signals to the “B” side of the
74LVT245, and connect the off-board signals to the “A” side of the
74LVT245.
42
IR100DV
I/O
Schmitt
OD
PU
100 Mbps IRB Data Valid. This active Low signal indicates port
activity on the repeater. IR100DV frames the clock and data of the
packet on the backplane. This signal requires a 300
Ω pull-up
resistor.
1. I = Input, O = Output, I/O = Input/Output, D = Digital, AI = Analog Input, A I/O = Analog Input/Output,
OD = Open Drain, OS = Open Source, PD = Pull Down, PU = Pull Up. Even if the IRB is not used, required
pull-up resistors must be installed as listed above.
NC = No Clamp. Pad does not clamp input in the absence of power.
2. Pins are 5V tolerant, unless indicated.
3. IR100CFS is not 5V tolerant.
4. IR10CFS is not 5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com