Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 46 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 46 Page - Intel Corporation

Back Button 9880 Datasheet HTML 42Page - Intel Corporation 9880 Datasheet HTML 43Page - Intel Corporation 9880 Datasheet HTML 44Page - Intel Corporation 9880 Datasheet HTML 45Page - Intel Corporation 9880 Datasheet HTML 46Page - Intel Corporation 9880 Datasheet HTML 47Page - Intel Corporation 9880 Datasheet HTML 48Page - Intel Corporation 9880 Datasheet HTML 49Page - Intel Corporation 9880 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 118 page
background image
LXT9860/9880 — Advanced 10/100 Repeater with Integrated Management
46
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
3.7.6.3
LED Mode 3
Mode 3 operations are described in Table 17.
Table 17. LED Mode 3 Indications
LED
Operating Mode
Hardware Control
Software
Control
On
Blink
Off
PORTnLED1
10 Mbps operation
Link_OK, not
Port_Partitioned
N/A
Any other state
Off via port
LED Control
Register
100 Mbps operation
PORTnLED2
10 Mbps or 100 Mbps
ops
Rcv_Activity
(20 ms pulse)2
N/A
Any other state
N/A
PORTnLED3
Auto-
negotiate
enabled
AUTOBLINK
active
100 Mbps
Link_OK
No Link_OK
(Fast Blink)
10 Mbps
Link_OK
Off via port
LED Control
Register
AUTOBLINK
inactive
100 Mbps mode
selected
(Link_Enabled)
N/A
10 Mbps mode
selected
(Link_Enabled)
Auto-negotiate
disabled
Collision and
Activity LEDs
Any
The collision and activity LEDs are on a Per
Segment basis. Pulse stretchers are used to extend
the on-time for the LEDs. For every on-cycle of the
stretched LEDs, an off-cycle, with the same period
as the on-cycle, always follows.
The collision LEDs turn on for approximately 120
µs
when the LXT98x0 detects a collision on the
segments. During the time that the LED is on, any
additional collisions is ignored by the collision LED
logic.
The activity LEDs turn on for approximately 4 ms
when the LXT98x0 detects any activity on the
segments. During the time that the LED is on, any
additional activity is ignored by the activity LED logic.
N/A
Global
Fault
Any
Any
Port_Partitioned
or
RPS_Fault and
RPS_Present
N/A
Any other state
Off via
global LED
Control
Register
RPS Fault
RPS_Present,
RPS_Fault
N/A
Manager
Present
Mgr_Present
N/A
Not
Mgr_Present
N/A
1. Refer to Table Table 14: LED Terms, which defines all key terms used in this section.
2. Receive activity is stretched to a 20 ms wide pulse. For every on-cycle of the stretched LEDs, an off-cycle,
with the same period as the
on-cycle, always follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com