Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 55 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 55 Page - Intel Corporation

Back Button 9880 Datasheet HTML 51Page - Intel Corporation 9880 Datasheet HTML 52Page - Intel Corporation 9880 Datasheet HTML 53Page - Intel Corporation 9880 Datasheet HTML 54Page - Intel Corporation 9880 Datasheet HTML 55Page - Intel Corporation 9880 Datasheet HTML 56Page - Intel Corporation 9880 Datasheet HTML 57Page - Intel Corporation 9880 Datasheet HTML 58Page - Intel Corporation 9880 Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 118 page
background image
Advanced 10/100 Repeater with Integrated Management — LXT9860/9880
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
55
Table 21. SMI Message Fields
Message
Description
Start or Stop Flag
“01111110”. Protocol requires zero insertion after any five consecutive “1”s in the data
stream.
Hub ID
Identifies board or sub-system. Assigned by one of two arbitration mechanisms at power-
up.
Chip ID
Identifies one of eight devices on a system. Assigned by 2 external pins on each device.
The Most Significant Bit (MSB) = 0; the value of the other two bits is set by pins.
Command
Identifies the particular operation being performed (see Table 23)
Length
Specifies number of registers to be transferred (1 to 127). Maximum is 2 per write, 127 per
read.
Address
Specifies address of register or register block to be transferred.
Figure 14. Serial Management Frame Format
Table 22. SMI Header Storage
MSB
LSB
Increasing
Address
Addr 11
Addr 10
Addr 9
Addr 8
Addr 7
Addr 6
Addr 5
Addr 4
Addr 3
Addr 2
Addr 1
Addr 0
Length 6
Length 5
Length 4
Length 3
Length 2
Length 1
Length 0
CMD 4
Cmd 3
Cmd 2
Cmd 1
Cmd 0
Chip
Address
Bit 2
(set to 0)
Chip
Address
Bit 1
Chip
Address
Bit 0
HubID 4
HubID 3
HubID 2
HubID 1
HubID 0
Hub ID
Chip Add
Cmd
Length
7 bits
Address
12 bits
Data
(0-508 bytes)
Start
Flag
Header
CRC
(2 bytes)
Stop
Flag
Idle
Idle
Header Content:
5 bits
3 bits
5 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com