Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 34 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 34 Page - Intel Corporation

Back Button 9880 Datasheet HTML 30Page - Intel Corporation 9880 Datasheet HTML 31Page - Intel Corporation 9880 Datasheet HTML 32Page - Intel Corporation 9880 Datasheet HTML 33Page - Intel Corporation 9880 Datasheet HTML 34Page - Intel Corporation 9880 Datasheet HTML 35Page - Intel Corporation 9880 Datasheet HTML 36Page - Intel Corporation 9880 Datasheet HTML 37Page - Intel Corporation 9880 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 118 page
background image
LXT9860/9880 — Advanced 10/100 Repeater with Integrated Management
34
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
When used in 100BASE-TX applications, the LXT98x0 sends and receives a continuous,
scrambled 125Mbaud MLT-3 waveform on this interface. In the absence of data, IDLE symbols are
sent and received in order to maintain the link.
When used in 10BASE-T applications, the LXT98x0 sends and receives a non-continuous, 10
Mbaud Manchester-encoded waveform. To maintain link during idle periods, the LXT98x0 sends
link pulses every 16 ms, and expects to receive them every 10 to 20ms. Each 10BASE-T port
automatically detects and sends link pulses, and disables its transmitter if link pulses are not
detected. Each receiver can also be configured to ignore link pulses, and leave its transmitter
enabled all the time (link pulse transmission cannot be disabled). Each 10BASE-T port can detect
and automatically correct for polarity reversal on the TPIP/N inputs. The 10BASE-T interface
provides integrated filters using Intel’s patented filter technology. These filters facilitate low-cost
stack designs to meet EMI requirements.
3.3.2
Media Independent Interface
The LXT98x0 has two identical MII interfaces. The MII has been designed to allow expansion to a
Media Access Controller (MAC) as shown in Figure 4. This interface is not MDIO/MDC capable.
Management is provided via a serial controller interface. These MII ports can be set via hardware
tie ups/downs to be either 10 Mbps or 100 Mbps100 Mbps. The statistics kept for these ports are
the same as for the other 10/100 ports, except Isolation, Partition, and Symbol Error. These ports
are not the full MII drive strength and are intended only for point-to-point links. Serial terminations
are recommended.
3.3.3
Serial Management Interface
The Serial Management Interface (SMI) provides system access to the status, control and statistic
gathering abilities of the LXT98x0. This interface allows multiple devices to be managed from a
common line, and uses the minimum number of signals (2) for ease of stack design.
The interface itself consists of two digital NRZ signals — clock and data. Refer to Table 7 on
page 26 for SMI pin assignments and signal descriptions. Data is framed into HDLC-like packets,
with a start/stop flag, header and CRC field for error checking. Zero-bit insertion/removal is used.
The interface can operate at any speed from 0 to 2 MHz. (“0 MHz” means the clock need not be
continuous. It can be started, stopped, or restarted, provided sixteen 1s in a row are allowed
between management packets.)
Figure 4. MII Interface
MAC
TXD(3:0)
TXEN
TXER
TXCLK
RXCLK
LXT98x0
RXD(3:0)
RX_DV
RX_ER
CRS
COL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com