Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 59 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 59 Page - Intel Corporation

Back Button 9880 Datasheet HTML 55Page - Intel Corporation 9880 Datasheet HTML 56Page - Intel Corporation 9880 Datasheet HTML 57Page - Intel Corporation 9880 Datasheet HTML 58Page - Intel Corporation 9880 Datasheet HTML 59Page - Intel Corporation 9880 Datasheet HTML 60Page - Intel Corporation 9880 Datasheet HTML 61Page - Intel Corporation 9880 Datasheet HTML 62Page - Intel Corporation 9880 Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 118 page
background image
Advanced 10/100 Repeater with Integrated Management — LXT9860/9880
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
59
on the board listen in and record the ID. The device with ChipID = 00 then transmits Arbitration
Request messages on the SMI every 2-3 ms. The request messages from two boards may collide. If
this happens, a resolution scheme ensures that only one message is transmitted.
The network manager must respond to each request with a message that includes the 48-bit ID and
the HubID. All devices hear this message, but only those matching the 48-bit ID receive the HubID
as their own. Once a HubID is assigned to a hub, that hub ceases requesting a HubID. This process
continues until all hubs are assigned an ID. Should a hub power off and back on, the hub re-
requests an ID, which the manager provides. An address arbitration packet is selected over normal
requests.
3.10.3.3
Address Re-Arbitration
There are two mechanisms for address re-arbitration following a configuration change, such as a
hot-swap of a board:
• Manual Re-arbitration. If the LXT98x0 detects a Low-to-High transition on RECONFIG, or if
RECONFIG is High at power-up, it sends out a “Configuration Change” message (Start Flag
with all 0s) on the bus. The network manager can use this message to detect that re-arbitration
is required.
• Network Manager. The network manager can detect or re-start arbitration at any time by
sending the “Re-arbitrate” command.
3.10.4
Interrupt Functions
The LXT98x0 provides a single open-collector pin for external interrupt signalling. Several
different interrupt conditions may be reported. The Interrupt Status Register (see Table 86)
identifies the specific interrupt condition. The Interrupt Mask Register (see Table 87 on page 115)
allows specific interrupts to be masked. Interrupts may be cleared in two ways, depending on the
status of bit 11 in the repeater configuration register.
3.11
Serial PROM Interface
The serial PROM interface allows the vendor to load in optional information unique to each board.
Items such as serial number or manufacture date can be placed in the serial PROM which can also
be used in the address arbitration process. Each board must contain a unique set of information.
Additionally, only 1 serial PROM is required per board, they are not required per chip. The
LXT98x0 reads in the first 48 bits (three 16-bit words) from the PROM and stores them in a
register. This read occurs only on power-up. Only the LXT98x0 with a ChipID of 00 drives the
serial PROM control lines; all other LXT98x0s “listen” to the data and clock lines. The first bit into
the LXT98x0 from this interface corresponds to bit 47. The serial PROM shifts out the most
significant bit (15) of the word first (the PROM must be auto-incrementing).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com