Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 52 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 52 Page - Intel Corporation

Back Button 9880 Datasheet HTML 48Page - Intel Corporation 9880 Datasheet HTML 49Page - Intel Corporation 9880 Datasheet HTML 50Page - Intel Corporation 9880 Datasheet HTML 51Page - Intel Corporation 9880 Datasheet HTML 52Page - Intel Corporation 9880 Datasheet HTML 53Page - Intel Corporation 9880 Datasheet HTML 54Page - Intel Corporation 9880 Datasheet HTML 55Page - Intel Corporation 9880 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 118 page
background image
LXT9860/9880 — Advanced 10/100 Repeater with Integrated Management
52
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
3.10
Serial Management I/F
The high-speed Serial Management Interface (SMI) provides access to repeater MIB variables,
RMON Statistics attributes and status and control information. A network manager accesses the
interface through a simple serial communications controller such as an 8530 SCC. The SMI allows
multiple LXT98x0 devices to be managed from one common bus.
3.10.1
SMI Signals
The interface consists of a data input line (SRX), data output line (STX), and a clock (SERCLK).
The interface operates on a simple command response model, with the network manager as the
master and the LXT98x0 devices as slaves. Figure 11 is a simplified view of typical serial
management interface architecture. Refer to Figure 23 on page 68 for circuit details.
Note:
Refer to Application Note 64, High-Speed Serial Management Interface, for additional
information.
Figure 10. LXT9880 MII Operation
MIIn_TXD<3:0>
MIIn_TXEN
MIIn_TXER
MIIn_TXCLK
MIIn_RXCLK
MIIn_RXD<3:0>
MIIn_RXDV
MIIn_RXER
MIIn_CRS
MIIn_COL
LXT98x0
10/100
MAC
The two LXT98x0 MII ports act
as the PHY side of the MII. An
external MAC sends TX Data to
the LXT98x0 to be repeated to
the network. The LXT98x0
repeats network data to the MAC
via the RX Data lines.
Port 1
Port 2
Port 3
Port 4
Ports 1, 2
TP Ports
MII Ports
Port 6
Port 7
Port 8
Port 5
Figure 11. Typical SMI Bus Architecture
LXT918
LXT918
LXT9880
RMON &
Repeater MIB
Support
Serial
Controller
Network
Management
User
Definable
Partitioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com