Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 41 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 41 Page - Intel Corporation

Back Button 9880 Datasheet HTML 37Page - Intel Corporation 9880 Datasheet HTML 38Page - Intel Corporation 9880 Datasheet HTML 39Page - Intel Corporation 9880 Datasheet HTML 40Page - Intel Corporation 9880 Datasheet HTML 41Page - Intel Corporation 9880 Datasheet HTML 42Page - Intel Corporation 9880 Datasheet HTML 43Page - Intel Corporation 9880 Datasheet HTML 44Page - Intel Corporation 9880 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 118 page
background image
Advanced 10/100 Repeater with Integrated Management — LXT9860/9880
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
41
3.7.4.3
Activity Graph LEDs
The ACTGLED10 and ACTGLED100 LEDs are for activity bar graphing. The activity
information is integrated and updated over a period of 328.125 ms, which has the effect of
smoothing out the activity. LEDs are provided for both the 10 Mbps and 100 Mbps segments.
There are two display modes for the activity bar graphs, Base-2 and Base-10. The modes are
selected via the LEDABGSEL pin. Refer to Table 13 for details. Each step LED on the bar graph is
lit when the percent activity value associated with that step is met or exceeded.
Figure 7. Serial LED Port Signaling
Table 12. Serial LED Port Bit Stream
Bit
MII Ports-LED1, 2, 3
Misc.
ACTGLED10
ACTGLED100
7
MII Port 1 - LED1
Collision - 10M
1
ACTG8
ACTG8
6
MII Port 1 - LED2
Collision - 100M
1
ACTG7
ACTG7
5
MII Port 1 - LED3
Manager Present
ACTG6
ACTG6
4
MII Port 2 - LED1
Activity - 10M
1
ACTG5
ACTG5
3
MII Port 2 - LED2
Activity - 100M
1
ACTG4
ACTG4
2
MII Port 2 - LED3
Global Fault
ACTG3
ACTG3
1
Not Used
Not Used
ACTG2
ACTG2
0
Not Used
RPS Fault
ACTG1
ACTG1
1. These LEDs are multiplexed with Configuration Inputs.
LEDDAT
MII PORTS-LED1,2,3
Misc. LEDs
ACTGLED10
ACTGLED100
Time
LEDLAT
LEDDAT
LEDLAT
b0
b1
b2
b3
b4
b5
b6
b7
LEDCLK
Qa’-Qh’ (‘595)
Qa-Qh (‘164)
b0, b7-b1
b1, b0, b7-b2
b2-b0, b7-b3
b3-b0, b7-b4
b4-b0, b7-b5
b5-b0, b7-b6
b6-b0, b7
b7-b0
b7-b0
Qa-Qh
(‘595)
b7-b0
b7-b0
LEDDAT
LEDLAT
LEDCLK
122
µs
100 ns / 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com