Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 43 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 43 Page - Intel Corporation

Back Button 9880 Datasheet HTML 39Page - Intel Corporation 9880 Datasheet HTML 40Page - Intel Corporation 9880 Datasheet HTML 41Page - Intel Corporation 9880 Datasheet HTML 42Page - Intel Corporation 9880 Datasheet HTML 43Page - Intel Corporation 9880 Datasheet HTML 44Page - Intel Corporation 9880 Datasheet HTML 45Page - Intel Corporation 9880 Datasheet HTML 46Page - Intel Corporation 9880 Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 118 page
background image
Advanced 10/100 Repeater with Integrated Management — LXT9860/9880
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
43
Table 14. LED Terms
Term
Definition
Port_Enabled
True if port is enabled. (see Table 60 on page 102).
Link_Enabled
True if link detection is enabled (see Table 58 on page 102.)
Link_OK
True if link is enabled and link is detected or if link detection is disabled. Always true for MII
port.
Port_Partitioned
True if port has been auto partitioned (10Mb mode).
True if port has been auto partitioned or isolated (100Mb mode).
Port_Is_TP
True if port is a twisted-pair port.
RPS_Present
True if redundant power supply is switched in.
RPS_Fault
True if redundant power supply has a fault.
Port_Ctl_HW
True if configuration bits are set to hardware control.
Port_Ctl_Off
True if configuration bits are set to turn off the LED.
Port_Ctl_On
True if configuration bits are set to turn on the LED solid.
Port_Ctl_Fast
True if configuration bits are set to fast blink the LED.
Rcv_Activity
True if twisted-pair port on this device is receiving a packet.
Mgr_Present
True if MGR_PRES signal is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com