Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 6 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 6 Page - Intel Corporation

Back Button 9880 Datasheet HTML 2Page - Intel Corporation 9880 Datasheet HTML 3Page - Intel Corporation 9880 Datasheet HTML 4Page - Intel Corporation 9880 Datasheet HTML 5Page - Intel Corporation 9880 Datasheet HTML 6Page - Intel Corporation 9880 Datasheet HTML 7Page - Intel Corporation 9880 Datasheet HTML 8Page - Intel Corporation 9880 Datasheet HTML 9Page - Intel Corporation 9880 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 118 page
background image
LXT9860/9880 — Advanced 10/100 Repeater with Integrated Management
6
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
Figures
1
LXT98x0 Block Diagram ..................................................................................... 11
2
LXT98x0 Pin Assignments .................................................................................. 12
3
Typical LXT988x Managed Repeater Architectures ........................................... 32
4
MII Interface ........................................................................................................ 34
5
LED Blink Rates .................................................................................................. 39
6
Serial LED Shift Loading .................................................................................... 40
7
Serial LED Port Signaling.................................................................................... 41
8
100 Mbps IRB Connection .................................................................................. 49
9
IRB Block Diagram ............................................................................................. 50
10
LXT9880 MII Operation ....................................................................................... 52
11
Typical SMI Bus Architecture ............................................................................. 52
12
SMI Collision Handling ........................................................................................ 54
13
SMI Address Match Indication ............................................................................ 54
14
Serial Management Frame Format ..................................................................... 55
15
Address Arbitration Mechanisms ....................................................................... 58
16
Optional R/W Serial PROM Interface .................................................................. 60
17
Serial Configuration Interface.............................................................................. 61
18
Serial Configuration Interface Signaling .............................................................. 61
19
8-Port Managed 10/100 Stackable Repeater ...................................................... 62
20
32-Port Managed 10/100 Repeater..................................................................... 62
21
Power and Ground Connections ......................................................................... 65
22
Typical Twisted-Pair Port Interface and Power Supply Filtering ........................ 67
23
Typical Serial Management Interface Connections............................................. 68
24
Serial Controller Connection Showing PAL......................................................... 68
25
Serial PROM Interface ........................................................................................ 69
26
Typical Reset Circuit .......................................................................................... 69
27
LED Circuits - Direct Drive & Multiplexed Configuration Inputs .......................... 70
28
Serial LED Circuit................................................................................................ 71
29
100 Mbps Backplane Connection between LXT98x and LXT98x0 ..................... 73
30
Typical 100 Mbps IRB Implementation ............................................................... 74
31
Typical 10 Mbps IRB Implementation ................................................................ 74
32
100 Mbps TP Port-to-Port Delay Timing ............................................................. 79
33
100BASE-TX MII-to-TP Port Timing ................................................................... 80
34
100BASE-TX TP-to-MII Timing ........................................................................... 81
35
10BASE-T MII-to-TP Timing ............................................................................... 82
36
10BASE-T TP-to-MII Timing ............................................................................... 83
37
100 Mbps TP-to-IRB Timing................................................................................ 84
38
10 Mbps TP-to-IRB Timing.................................................................................. 84
39
10 Mbps IRB-to-TP Port Timing .......................................................................... 85
40
Serial Management Interface Timing .................................................................. 86
41
PROM Interface Timing....................................................................................... 87
42
LXT98x0 Package Specifications for Commercial Temperature....................... 117
43
LXT98x0 Package Specifications for Extended Temperature........................... 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com