Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 36 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 36 Page - Intel Corporation

Back Button 9880 Datasheet HTML 32Page - Intel Corporation 9880 Datasheet HTML 33Page - Intel Corporation 9880 Datasheet HTML 34Page - Intel Corporation 9880 Datasheet HTML 35Page - Intel Corporation 9880 Datasheet HTML 36Page - Intel Corporation 9880 Datasheet HTML 37Page - Intel Corporation 9880 Datasheet HTML 38Page - Intel Corporation 9880 Datasheet HTML 39Page - Intel Corporation 9880 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 118 page
background image
LXT9860/9880 — Advanced 10/100 Repeater with Integrated Management
36
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
— The normal algorithm, which complies with the IEEE specification 802.3u, is available
through the management interface. This algorithm un-partitions a port only when data is
transmitted to the port for 450-560 bit times without a collision.
• Isolate. The LXT98x0 isolates any port receiving more than two successive false carrier
events. A false carrier event is a packet that does not start with a /J/K symbol pair. Note: this is
not the same function as the 100IRB isolate function, which involves isolating the backplane.
• Un-isolate. The LXT98x0 un-isolates a port that remains in the IDLE state for 33000 +/- 25%
BT or that receives a valid frame at least 450-500 BT in length.
• /T/R generation. The LXT98x0 can insert a /T/R symbol pair (End-of-Stream Delimiter) on
any incoming packet that does not include one. This feature is optional, and is enabled through
the management interface.
• Jabber. The LXT98x0 ignores any receiver remaining active for more than 57,500 bit times.
The LXT98x0 exits this state when either one of the following conditions is met:
— On power-up reset
— When carrier is no longer detected
Note:
The Isolate, Partition, and Symbol Error functions do not apply to MII ports.
3.4.2
10 Mbps Repeater Operation
The LXT98x0 contains a complete 10 Mbps Repeater State Machine (10RSM) that is fully IEEE
802.3 compliant. Any port configured for 10 Mbps operation is automatically connected to the
10 Mbps Repeater. This includes any of the media and MII ports configured for 10 Mbps operation.
The 10RSM has its own Inter-Repeater Backplane (10IRB). Multiple LXT98x0s can be cascaded
on the 10IRB and operate as one repeater segment. Data from any port is forwarded to all other
ports in the cascade.
The LXT98x0 maintains a complete set of statistics on its 10 Mbps repeater segment. These are
accessible through the high-speed serial management interface.
The LXT98x0 performs the following 10 Mbps repeater functions:
• Signal amplification, wave-shape restoration, and data-frame forwarding.
• Preamble regeneration. All outgoing packets have a minimum 56-bit preamble and 8-bit SFD.
• SOP, SOJ, EOP, EOJ delays meet IEEE 802.3 section 9.5.5 and 9.5.6 requirements.
• Collision Enforcement. During a 10 Mbps collision, the LXT98x0 drives a jam signal
(“1010”) to all ports for a minimum of 96 bit times until the collision ends.
• Partition. The LXT98x0 partitions any port in excess of 31 consecutive collisions. Once
partitioned, the LXT98x0 continues monitoring and transmitting to the port, but does not
repeat data received from the port until it properly un-partitions. (Also partitions for excessive
length of a collision.)
• Un-partition. The algorithm, which complies with the IEEE 802.3 specification, un-partitions
a port when data can be either received or transmitted from the port for 450-560 bit times
without a collision on that port.
• Jabber. The LXT98x0 asserts a minimum-IFG idle period when a port transmits for longer
than 40,000 to 75,000 bit times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com