Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 89 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 89 Page - Intel Corporation

Back Button 9880 Datasheet HTML 85Page - Intel Corporation 9880 Datasheet HTML 86Page - Intel Corporation 9880 Datasheet HTML 87Page - Intel Corporation 9880 Datasheet HTML 88Page - Intel Corporation 9880 Datasheet HTML 89Page - Intel Corporation 9880 Datasheet HTML 90Page - Intel Corporation 9880 Datasheet HTML 91Page - Intel Corporation 9880 Datasheet HTML 92Page - Intel Corporation 9880 Datasheet HTML 93Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 118 page
background image
Advanced 10/100 Repeater with Integrated Management — LXT9860/9880
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
89
Additional
Counters:
(100 only)
rptrMonitorPortIsolates - port 1
32
R/W
A0
95
rptrMonitorPortIsolates - port 2
32
R/W
A1
95
rptrMonitorPortIsolates - port 3
32
R/W
A2
95
rptrMonitorPortIsolates - port 4
32
R/W
A3
95
rptrMonitorPortIsolates - port 5
32
R/W
A4
95
rptrMonitorPortIsolates - port 6
32
R/W
A5
95
rptrMonitorPortIsolates - port 7
32
R/W
A6
95
rptrMonitorPortIsolates - port 8
32
R/W
A7
95
rptrMonitorPortIsolates-MII Port 1
32
R/W
A8
95
rptrMonitorPortIsolates-MII Port 2
32
R/W
A9
95
rptrMonitorSymbolErrorDuringPacket - port 1
32
R/W
AA
96
rptrMonitorSymbolErrorDuringPacket - port 2
32
R/W
AB
96
rptrMonitorSymbolErrorDuringPacket - port 3
32
R/W
AC
96
rptrMonitorSymbolErrorDuringPacket - port 4
32
R/W
AD
96
rptrMonitorSymbolErrorDuringPacket - port 5
32
R/W
AE
96
rptrMonitorSymbolErrorDuringPacket - port 6
32
R/W
AF
96
rptrMonitorSymbolErrorDuringPacket - port 7
32
R/W
B0
96
rptrMonitorSymbolErrorDuringPacket - port 8
32
R/W
B1
96
Reserved
32
R/W
B2
96
Reserved
32
R/W
B3
96
Table 45. Register Map (Continued)
Class
Register
Size
(Bits)
Access
1
Offset
(Hex)
Page
Ref.
1. R = Read only; W = Write only; R/W = Read/Write; LH = Latch High; LL = Latch Low; SC = Self Clearing.
2. If Register Clear bit is set to ‘1’, then clearing of the associated bit is done by writing ‘1’ to it, otherwise this
register self clears upon read. Register Clear (Bit 11) is set through the Repeater Configuration Register.
(Refer to Table 75 on page 109.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com