Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 44 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 44 Page - Intel Corporation

Back Button 9880 Datasheet HTML 40Page - Intel Corporation 9880 Datasheet HTML 41Page - Intel Corporation 9880 Datasheet HTML 42Page - Intel Corporation 9880 Datasheet HTML 43Page - Intel Corporation 9880 Datasheet HTML 44Page - Intel Corporation 9880 Datasheet HTML 45Page - Intel Corporation 9880 Datasheet HTML 46Page - Intel Corporation 9880 Datasheet HTML 47Page - Intel Corporation 9880 Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 118 page
background image
LXT9860/9880 — Advanced 10/100 Repeater with Integrated Management
44
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
3.7.6.1
LED Mode 1
Mode 1 operations are described in Table 15.
Table 15. LED Mode 1 Indications
LED
Operating Mode
Hardware Control
1
Software
Control
On
Blink
Off
PORTnLED1
10 Mbps operation
Link_OK, not
Port_Partitioned
N/A
Any other state
Off via port
LED
Control
Register
100 Mbps operation
PORTnLED2
10 Mbps operation
Link_OK,
Port_Partitioned
100 Mbps operation
PORTnLED3
Auto-
negotiate
enabled
AUTOBLINK
active
100 Mbps
Link_OK
Not Link_OK
(Fast Blink)
10 Mbps
Link_OK
AUTOBLINK
inactive
N/A
Auto-negotiate disabled
100 Mbps mode
selected
Link_Enabled
N/A
10 Mbps mode
selected
Link_Enabled
Collision and
Activity LEDs
Any
The collision and activity LEDs are on a Per Segment
basis. Pulse stretchers are used to extend the on-
time for the LEDs. For every on- cycle of the
stretched LEDs, an off-cycle, with the same period as
the on-cycle, always follows.
The collision LEDs turn on for approximately 120
µs
when the LXT98x0 detects a collision on the
segments. During the time that the LED is on, any
additional collisions are ignored by the collision LED
logic.
The activity LEDs turn on for approximately 4 ms
when the LXT98x0 detects any activity on the
segments. During the time that the LED is on any
additional activity is ignored by the activity LED logic.
Global
Fault
Any
Any
Port_Partitioned
or
RPS_Fault and
RPS_Present
N/A
Any other state
RPS Fault
Any
RPS_Present,
RPS_Fault
N/A
Manager
Present
Any
Mgr_Present
N/A
Not
Mgr_Present
1. Refer to Table 13: LED Terms, which defines all key terms used in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com