Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 64 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 64 Page - Intel Corporation

Back Button 9880 Datasheet HTML 60Page - Intel Corporation 9880 Datasheet HTML 61Page - Intel Corporation 9880 Datasheet HTML 62Page - Intel Corporation 9880 Datasheet HTML 63Page - Intel Corporation 9880 Datasheet HTML 64Page - Intel Corporation 9880 Datasheet HTML 65Page - Intel Corporation 9880 Datasheet HTML 66Page - Intel Corporation 9880 Datasheet HTML 67Page - Intel Corporation 9880 Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 118 page
background image
LXT9860/9880 — Advanced 10/100 Repeater with Integrated Management
64
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
• Place the layers so the TPOP/N and TPIP/N signals are routed near or next to the ground
plane. For EMI, it is more important to shield TPOP/N than TPIP/N.
4.3.1.4
Chassis Ground
For ESD protection, create a separate chassis ground. For isolation, encircle the board and place a
“moat” around the signal ground plane to separate signal ground from chassis ground. Chassis
ground should extend from the RJ-45 connectors to the magnetics, and can be used to terminate
unused signal pairs (‘Bob Smith’ termination). In single-point grounding applications, provide a
single connection between chassis and circuit grounds with a 2kV isolation capacitor. In multi-
point grounding schemes (chassis and circuit grounds joined at multiple points), provide 2kV
isolation to the Bob Smith termination.
4.3.1.5
The RBIAS Pin
The LXT98x0 requires a 22.1 k
Ω, 1% resistor directly connected between the RBIAS pin and
ground. Place the RBIAS resistor as close to the RBIAS pin as possible. Run an etch directly from
the pin to the resistor, sink the other side of the resistor, and surround the RBIAS trace with a
filtered ground. Do not run high-speed signals next to RBIAS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com