Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 29 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 29 Page - Intel Corporation

Back Button 9880 Datasheet HTML 25Page - Intel Corporation 9880 Datasheet HTML 26Page - Intel Corporation 9880 Datasheet HTML 27Page - Intel Corporation 9880 Datasheet HTML 28Page - Intel Corporation 9880 Datasheet HTML 29Page - Intel Corporation 9880 Datasheet HTML 30Page - Intel Corporation 9880 Datasheet HTML 31Page - Intel Corporation 9880 Datasheet HTML 32Page - Intel Corporation 9880 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 118 page
background image
Advanced 10/100 Repeater with Integrated Management — LXT9860/9880
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
29
1, 7, 15,
27, 46, 62,
75, 86, 90,
94, 98,
103, 109,
116, 117,
123, 130,
131, 138,
144, 145,
152, 158,
164, 168,
172, 179,
181, 189,
199
GND
-
Ground. Connect each of these pins to system ground plane.
102
RBIAS
A
RBIAS. Used to provide bias current for internal circuitry. The 100
µA bias current is provided through an external 22.1 kΩ, 1%
resistor to GND.
79
RPS_PRES
I
PD
Redundant Power Supply Present. Active High input indicates
presence of redundant power supply. Tie Low if not used.
78
RPS_FAULT
I
PU
Redundant Power Supply Fault. Active Low input indicates
redundant power supply fault. The state of this input is reflected in
the RPS_LED output (refer to LED section). Tie High if not used.
Table 9.
Power Supply and Indication Signal Descriptions (Continued)
Pin
Symbol
Type
1, 2
Description
1. I = Input, O = Output, I/O = Input/Output, D = Digital, A = Analog, AI = Analog Input,
A I/O = Analog Input/Output, OD = Open Drain, OS = Open Source, PD = Pull Down, PU = Pull Up.
NC = No Clamp. Pad does not clamp input in the absence of power.
2. Pins are 5V tolerant, unless indicated.
Table 10. PROM Interface Signal Descriptions
Pin
Symbol
Type
1, 2
Description
68
PROM_CLK
I/O
Tri-State
PD
PROM Clock. 1 MHz clock for reading PROM data (Chip ID =
00).
If a PROM is not used, this pin must be tied Low.
All devices should be connected together. PROM_CLK is driven
only by the device with ChipID = 00. (Sensed by other devices.)
69
PROM_CS
O
Tri-State
PROM Chip Select. Selects PROM. Active High signal driven
only when Chip ID = 00.
70
PROM_DTOUT
O
Tri-State
PROM Data Output.
Selects read instruction for PROM. Active
High signal driven only when ChipID = 00.
All devices should be connected together. PROM_CLK is driven
only by the device with ChipID = 00. (Sensed by other devices.)
71
PROM_DTIN
I
PD
PROM Data Input. If a PROM is not used, this input can be tied
Low or High.
1. I = Input, O = Output, I/O = Input/Output, D = Digital, A = Analog, AI = Analog Input,
A I/O = Analog Input/Output, OD = Open Drain, OS = Open Source, PD = Pull Down, PU = Pull Up.
NC = No Clamp. Pad does not clamp input in the absence of power.
2. Pins are 5V tolerant, unless indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com