Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 26 Page - Intel Corporation

Part # 9880
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9880 Datasheet(HTML) 26 Page - Intel Corporation

Back Button 9880 Datasheet HTML 22Page - Intel Corporation 9880 Datasheet HTML 23Page - Intel Corporation 9880 Datasheet HTML 24Page - Intel Corporation 9880 Datasheet HTML 25Page - Intel Corporation 9880 Datasheet HTML 26Page - Intel Corporation 9880 Datasheet HTML 27Page - Intel Corporation 9880 Datasheet HTML 28Page - Intel Corporation 9880 Datasheet HTML 29Page - Intel Corporation 9880 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 118 page
background image
LXT9860/9880 — Advanced 10/100 Repeater with Integrated Management
26
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
Table 7.
Serial Management Interface Signal Descriptions
Pin
Symbol
Type
1, 2,
Description
57
RECONFIG
I
PD
Reconfigure. This input determines whether SERCLK is an input
or an output. When RECONFIG is High, the LXT98x0 drives
SERCLK with a 625 kHz output. When RECONFIG is Low,
SERCLK is an input to the LXT98x0. If the LXT98x0 detects a
Low-to-High transition on RECONFIG, or if RECONFIG is High at
power-up, it sends out a “Configuration Change” message (Start
Flag with all 0s) on the bus.
63
SER_MATCH
O
Serial Match. The LXT98x0 device with Chip ID = 00 asserts this
active High output whenever it detects a message on the SMI
matching the local Hub ID. See “Serial Management I/F” on
page 52.
58
SRX
I
PD
Serial Receive. Receive data input for SMI. Must be tied to STX
externally. SRX is sampled on the rising edge of SERCLK.
59
STX
O
OD
Serial Transmit. Transmit data output for SMI. Must be tied to
SRX externally. Data transmitted on STX is compared with data
received on SRX. In the event of a mismatch, STX goes to a high
impedance state. STX is driven on the falling edge of SERCLK.
60
SERCLK
I/O
Tri-state
PD
Serial Clock. Clock for SMI. Depending on RECONFIG, this pin
is either a 625 kHz output or a 0 to 2 MHz input.
198
ARBIN
I
PD
Arbitration In/Out. Used with Chain Arbitration. If used, tie
ARBIN to ARBOUT of the previous device. ARBIN at the top of
the daisy chain can be connected to ground or to ARBOUT of the
SCC. If unused, tie ARBIN High.
65
ARBOUT
O
186
ARBSELECT
I
3
O - OD/OS
Arbitration Mode Select - Input.
0 = PROM based, 1 = chain based.
This configuration pin also functions as the COL100 LED output
(refer to Note 3 below and to Table 8).
67
MGR_PRES
I
PU
Manager Present. This signal is sensed at power up, hardware
reset, and software reset. If the signal is High, it indicates no local
manager is present, and the LXT98x0 enables all ports and sets
all LEDs to operate in “hardware mode”. If it is Low, indicating a
manager is present, the LXT98x0 disables all ports, pending
control of network manager.
1. I = Input, O = Output, I/O = Input/Output, D = Digital, A = Analog, AI = Analog Input,
A I/O = Analog Input/Output, OD = Open Drain, OS = Open Source, PD = Pull Down, PU = Pull Up.
NC = No Clamp. Pad does not clamp input in the absence of power.
2. Pins are 5V tolerant, unless indicated.
3. Input must be static. Refer to “LED Pins Multiplexed with Configuration Inputs” on page 69 for information
on pin use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com