Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 33 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 29Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 30Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 31Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 32Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 33Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 34Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 35Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 36Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 97 page
background image
INHA
INLA
INHB
INLB
INHC
INLC
PWM
STATE0
STATE1
STATE2
DIR
nBRAKE
MCU_PWM
MCU_GPIO
MCU_GPIO
BLDC Motor
H
H
H
Figure 8-10. 1x PWM—Hall Sensor
8.3.1.1.4 Independent PWM Mode (PWM_MODE = 11b or MODE Pin Tied to DVDD)
In this mode, the corresponding input pin independently controls each high-side and low-side gate driver. This
control mode allows for the external controller to bypass the internal dead-time handshake of the DRV835xF or
to utilize the high-side and low-side drivers to drive separate high-side and low-side loads with each half-bridge.
These types of loads include unidirectional brushed DC motors, solenoids, and low-side and high-side switches.
In this mode, If the system is configured in a half-bridge configuration, shoot-through occurs when the high-side
and low-side MOSFETs are turned on at the same time.
Table 8-5. Independent PWM Mode Truth Table
INLx
INHx
GLx
GHx
0
0
L
L
0
1
L
H
1
0
H
L
1
1
H
H
Because the high-side and low-side VDS overcurrent monitors share the SHx sense line, using both of the
monitors is not possible if both the high-side and low-side gate drivers are being operated independently.
In this case, connect the SHx pin to the high-side driver and disable the VDS overcurrent monitors as shown in
Figure 8-11.
INHx
INLx
GHx
Gate Driver
HS
VCP
SHx
GLx
LS
VGLS
VM
VDRAIN
SLx/SPx
V
DS
V
DS
+
+
Disable
Disable
Load
Load
±
±
Figure 8-11. Independent PWM High-Side and Low-Side Drivers
www.ti.com
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com