Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 48 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 44Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 45Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 46Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 47Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 48Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 49Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 50Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 51Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 97 page
background image
VVREF ± 0.3 V
VSO(off)max
VSO(off)min
VREF
VVREF ± 0.25 V
0.25 V
0 V
0 V
I × R
SO
SP ± SN
SO
VOFF,
VDRIFT
0.3 V
VSO(range)
SP
SN
R
I
AV
Figure 8-33. Unidirectional Current-Sense Regions
8.3.4.3 Amplifier Calibration Modes
To minimize DC offset and drift over temperature, a DC calibration mode is provided and enabled through the
SPI register (CSA_CAL_X). This option is not available on hardware interface devices. When the calibration
setting is enabled the inputs to the amplifier are shorted and the load is disconnected. DC calibration can be
done at any time, even when the half-bridges are operating. For the best results, do the DC calibration during
the switching OFF period to decrease the potential noise impact to the amplifier. A diagram of the calibration
mode is shown below. When a CSA_CAL_X bit is enabled, the corresponding amplifier goes to the calibration
mode.
R
SENSE
!CAL
!CAL
R
SP
SP
R
SN
SN
CAL
CAL
R
F
-
+
R
G
R
OUT
VREF
SOx
Figure 8-34. Amplifier Manual Calibration
In addition to the manual calibration method provided on the SPI devices versions, the DRV835xF family of
devices provide an auto calibration feature on both the hardware and SPI device versions in order to minimize
the amplifier input offset after power up and during run time to account for temperature and device variation.
Auto calibration occurs automatically on device power up for both the hardware and SPI device options. The
power up auto calibration starts immediately after the VREF pin crosses the minimum operational VREF voltage.
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
www.ti.com
48
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com