Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 77 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 73Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 74Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 75Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 76Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 77Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 78Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 79Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 80Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 97 page
background image
9.2.1.2.2.1 IDRIVE Example
Use Equation 15 and Equation 16 to calculate the value of IDRIVEP1 and IDRIVEP2 (respectively) for a gate to drain
charge of 13 nC and a rise time from 100 to 300 ns.
DRIVEP1
13 nC
I
130 mA
100 ns
(15)
DRIVEP2
13 nC
I
43 mA
300 ns
(16)
Select a value for IDRIVEP that is between 43 mA and 130 mA. For this example, the value of IDRIVEP was
selected as 100-mA source.
Use Equation 17 and Equation 18 to calculate the value of IDRIVEN1 and IDRIVEN2 (respectively) for a gate to drain
charge of 13 nC and a fall time from 50 to 150 ns.
DRIVEN1
13 nC
I
260 mA
50 ns
(17)
DRIVEN2
13 nC
I
87 mA
150 ns
(18)
Select a value for IDRIVEN that is between 87 mA and 260 mA. For this example, the value of IDRIVEN was
selected as 200-mA sink.
9.2.1.2.3 VDS Overcurrent Monitor Configuration
The VDS monitors are configured based on the worst-case motor current and the RDS(on) of the external
MOSFETs as shown in Equation 19.
DS _ OCP
max
DS(on)max
V
I
R
!
u
(19)
9.2.1.2.3.1 VDS Overcurrent Example
The goal of this example is to set the VDS monitor to trip at a current greater than 75 A. According to the
CSD19535KCS 100 V N-Channel NexFET™ Power MOSFET data sheet, the RDS(on) value is 2.2 times higher at
175°C, and the maximum RDS(on) value at a VGS of 10 V is 3.6 mΩ at TA = 25°C. From these values, the
approximate worst-case value of RDS(on) is 2.2 × 3.6 mΩ = 7.92 mΩ.
Using Equation 19 with a value of 7.92 mΩ for RDS(on) and a worst-case motor current of 75 A, Equation 20
shows the calculated desired value of the VDS overcurrent monitors.
DS _ OCP
DS _ OCP
V
75 A
7.92 m
V
0.594 V
!
u
:
!
(20)
For this example, the value of VDS_OCP was selected as 0.6 V.
The SPI devices allow for adjustment of the deglitch time for the VDS overcurrent monitor. The deglitch time can
be set to 1 µs, 2 µs, 4 µs, or 8 µs.
9.2.1.2.4 Sense-Amplifier Bidirectional Configuration (DRV8353F and DRV8353RF)
The sense amplifier gain on the DRV8353F and DRV8353RF devices and sense resistor value are selected
based on the target current range, VREF reference voltage, sense-resistor power rating, and operating
temperature range. In bidirectional operation of the sense amplifier, the dynamic range at the output is
approximately calculated as shown in Equation 21.
www.ti.com
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com