Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 9Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 10Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 11Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 12Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 13Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 14Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 15Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 16Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 97 page
background image
at TA = –40°C to +125°C, VVM = 9 to 75 V, VVDRAIN = 9 to 100 V, VVIN = 48 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI7
Input mode 7 voltage
Tied to DVDD
5
V
RPU
Pullup resistance
Internal pullup to DVDD
73
kΩ
RPD
Pulldown resistance
Internal pulldown to GND
73
kΩ
OPEN DRAIN OUTPUTS (nFAULT, SDO)
VOL
Output logic low voltage
IO = 5 mA
0.125
V
IOZ
Output high impedance leakage
VO = 5 V
–2
2
µA
www.ti.com
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com