Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 1 Page - Texas Instruments

  DRV8353FSRTAR Datasheet HTML 1Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 2Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 3Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 4Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 5Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 6Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 7Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 8Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
DRV835xF 100-V Three-Phase Smart Gate Driver
1 Features
• 9 to 100-V, Triple half-bridge gate driver
– Optional integrated buck regulator
– Optional triple low-side current shunt amplifiers
• Functional Safety Quality-Managed
– Documentation available to aid IEC 61800-5-2
functional safety system design
• Smart gate drive architecture
– Adjustable slew rate control for EMI
performance
– VGS handshake and minimum dead-time
insertion to prevent shoot-through
– 50-mA to 1-A peak source current
– 100-mA to 2-A peak sink current
– dV/dt mitigation through strong pulldown
• Integrated gate driver power supplies
– High-side doubler charge pump For 100%
PWM duty cycle control
– Low-side linear regulator
• Integrated LM5008A buck regulator
– 6 to 95-V operating voltage range
– 2.5 to 75-V, 350-mA output capability
• Integrated triple current shunt amplifiers
– Adjustable gain (5, 10, 20, 40 V/V)
– Bidirectional or unidirectional support
• 6x, 3x, 1x, and independent PWM modes
– Supports 120° sensored operation
• SPI or hardware interface available
• Low-power sleep mode (20 µA at VVM = 48-V)
• Integrated protection features
– VM undervoltage lockout (UVLO)
– Gate drive supply undervoltage (GDUV)
– MOSFET VDS overcurrent protection (OCP)
– MOSFET shoot-through prevention
– Gate driver fault (GDF)
– Thermal warning and shutdown (OTW/OTSD)
– Fault condition indicator (nFAULT)
2 Applications
• 3-phase brushless-DC (BLDC) motor modules
• Servo drives, Factory automation
• Linear motor transport systems
• Industrial collaborative robot
• Autonomous Guided Vehicle, Delivery Drones
• E-Bikes, E-scooters, and E-mobility
3 Description
The DRV835xF family of devices are highly-integrated
gate drivers for three-phase brushless DC (BLDC)
motor applications. The device variants provide
optional integrated current shunt amplifiers to support
different motor control schemes and a buck regulator
to power the gate driver or external controller.
The DRV835xF uses smart gate drive (SGD)
architecture to decrease the number of external
components that are typically necessary for MOSFET
slew rate control and protection circuits. The SGD
architecture also optimizes dead time to prevent
shoot-through
conditions,
provides
flexibility
in
decreasing electromagnetic interference (EMI) by
MOSFET slew rate control, and protects against gate
short circuit conditions through VGS monitors. A strong
gate pulldown circuit helps prevent unwanted dV/dt
parasitic gate turn on events
Various PWM control modes (6x, 3x, 1x, and
independent) are supported for simple interfacing to
the external controller. These modes can decrease
the number of outputs required of the controller for the
motor driver PWM control signals. This family of
devices also includes 1x PWM mode for simple
sensored trapezoidal control of a BLDC motor by
using an internal block commutation table.
Device Information
(1)PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV8350F
WQFN (32)
5.00 mm × 5.00 mm
DRV8350RF (2)
VQFN (48)
7.00 mm × 7.00 mm
DRV8353F (2)
WQFN (40)
6.00 mm × 6.00 mm
DRV8353RF (2)
VQFN (48)
7.00 mm × 7.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Device is available for preview only.
9 to 75 V
DRV835xF
Three-Phase
Smart Gate Driver
PWM
Gate Drive
Current
Sense
Current Sense
3x Shunt Amplifiers
nFAULT
M
SPI or H/W
350 mA
Protection
Buck Regulator
7 to 100 V
Drain
Sense
Simplified Schematic
www.ti.com
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DRV8353FSRTAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8353FSRTAR TI2-DRV8353FSRTAR Datasheet
3Mb / 83P
DRV835xF 100-V Three-Phase Smart Gate Driver
REVISED AUGUST 2021
DRV8353FSRTAR.A TI2-DRV8353FSRTAR.A Datasheet
3Mb / 83P
DRV835xF 100-V Three-Phase Smart Gate Driver
REVISED AUGUST 2021
DRV8353FSRTARG4 TI2-DRV8353FSRTARG4 Datasheet
3Mb / 83P
DRV835xF 100-V Three-Phase Smart Gate Driver
REVISED AUGUST 2021
DRV8353FSRTARG4.A TI2-DRV8353FSRTARG4.A Datasheet
3Mb / 83P
DRV835xF 100-V Three-Phase Smart Gate Driver
REVISED AUGUST 2021
More results

Similar Description - DRV8353FSRTAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8320 TI1-DRV8320 Datasheet
2Mb / 80P
6 to 60-V Three-Phase Smart Gate Driver
DRV8320 TI1-DRV8320_17 Datasheet
3Mb / 89P
6 to 60-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
100-V Three-Phase Smart Gate Driver
DRV8353M TI-DRV8353M Datasheet
3Mb / 76P
DRV8353M 100-V Three-Phase Smart Gate Driver
DRV8300-Q1 TI-DRV8300-Q1 Datasheet
1Mb / 26P
DRV8300-Q1: 100-V Three-Phase BLDC Gate Driver
APRIL 2022
DRV8300U TI-DRV8300U Datasheet
1Mb / 29P
DRV8300U: 100-V Three-Phase BLDC Gate Driver
JULY 2022
DRV8300U TI-DRV8300U_V01 Datasheet
1Mb / 30P
DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300U TI-DRV8300U_V02 Datasheet
2Mb / 34P
DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com