Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 39 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 35Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 36Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 37Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 38Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 39Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 40Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 41Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 42Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
INLx
Control
Inputs
INHx
Digital
Core
Level
Shifters
VCP
150 k
VGS
+
GHx
SHx
VDRAIN
Level
Shifters
VGLS
150 k
VGS
+
GLx
SLx/SPx
±
±
Figure 8-19. Gate Driver Block Diagram
8.3.1.4.1 IDRIVE: MOSFET Slew-Rate Control
The IDRIVE component implements adjustable gate-drive current to control the MOSFET VDS slew rates. The
MOSFET VDS slew rates are a critical factor for optimizing radiated emissions, energy and duration of diode
recovery spikes, dV/dt gate turnon leading to shoot-through, and switching voltage transients related to
parasitics in the external half-bridge. IDRIVE operates on the principal that the MOSFET VDS slew rates are
predominately determined by the rate of gate charge (or gate current) delivered during the MOSFET QGD or
Miller charging region. By allowing the gate driver to adjust the gate current, it can effectively control the slew
rate of the external power MOSFETs.
IDRIVE allows the DRV835xF family of devices to dynamically switch between gate drive currents either through
a register setting on SPI devices or the IDRIVE pin on hardware interface devices. The SPI devices provide 16
IDRIVE settings ranging between 50-mA to 1-A source and 100-mA to 2-A sink. Hardware interface devices
provides 7 IDRIVE settings between the same ranges. The gate drive current setting is delivered to the gate
during the turnon and turnoff of the external power MOSFET for the tDRIVE duration. After the MOSFET turnon or
turnoff, the gate driver switches to a smaller hold IHOLD current to improve the gate driver efficiency. Additional
details on the IDRIVE settings are described in the Section 8.6 section for the SPI devices and in the Section
8.3.3 section for the hardware interface devices.
8.3.1.4.2 TDRIVE: MOSFET Gate Drive Control
The TDRIVE component is an integrated gate-drive state machine that provides automatic dead time insertion
through switching handshaking, parasitic dV/dt gate turnon prevention, and MOSFET gate-fault detection.
The first component of the TDRIVE state machine is automatic dead-time insertion. Dead time is period of time
between the switching of the external high-side and low-side MOSFETs to make sure that they do not cross
conduct and cause shoot-through. The DRV835xF family of devices use VGS voltage monitors to measure the
MOSFET gate-to-source voltage and determine the correct time to switch instead of relying on a fixed time
value. This feature allows the gate-driver dead time to adjust for variation in the system such a temperature drift
and variation in the MOSFET parameters. An additional digital dead time (tDEAD) can be inserted and is
adjustable through the registers on SPI devices.
www.ti.com
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com