Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 53 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 49Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 50Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 51Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 52Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 53Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 54Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 55Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 56Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 97 page
background image
V
IN
V
CC
SW Pin
Inductor
Current
I
LIM
V
OUT
UVLO
7 V
t1
Vin
0 V
I
O
t2
t3
Figure 8-39. Start-Up Sequence
8.3.5.2.3 Regulation Comparator
The feedback voltage at FB is compared to an internal 2.5-V reference. In normal operation (the output voltage
is regulated), an on-time period is initiated when the voltage at FB falls below 2.5 V. The buck switch stays on for
the on-time, causing the FB voltage to rise above 2.5 V. After the on-time period, the buck switch stays off until
the FB voltage again falls below 2.5 V. During start-up, the FB voltage is below 2.5 V at the end of each on-time,
resulting in the minimum off-time of 300 ns. Bias current at the FB pin is nominally 100 nA.
8.3.5.2.4 Overvoltage Comparator
The feedback voltage at FB is compared to an internal 2.875-V reference. If the voltage at FB rises above 2.875
V, the on-time pulse is immediately terminated. This condition can occur if the input voltage or the output load
change suddenly. The buck switch does not turn on again until the voltage at FB falls below 2.5 V.
8.3.5.2.5 On-Time Generator and Shutdown
The on-time for the LM5008A is determined by the RT resistor and is inversely proportional to the input voltage
(VIN), resulting in an almost constant frequency as Vin is varied over its range. The on-time equation for the
LM5008A is Equation 8.
TON = 1.385 × 10–10 × RT / VIN
(8)
RT must be selected for a minimum on-time (at maximum VIN) greater than 400 ns, for correct current limit
operation. This requirement limits the maximum frequency for each application, depending on VIN and VOUT.
The LM5008A can be remotely disabled by taking the RT/SD pin to ground. See Figure 8-40. The voltage at the
RT/SD pin is between 1.5 V and 3 V, depending on VIN and the value of the RT resistor.
www.ti.com
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com