Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 76 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 72Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 73Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 74Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 75Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 76Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 77Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 78Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 79Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 97 page
background image
Table 9-3. DRV835xR Buck Regulator External Components (continued)
COMPONENT
PIN 1
PIN 2
RECOMMENDED
CBST (2)
BST
SW
X5R or X7R, 0.01-µF, 16-V rated capacitor
CVCC (2)
VCC
GND
X5R or X7R, 0.47-µF, 16-V rated capacitor
DSW (2)
SW
GND
Schottky diode
LSW (2)
SW
OUT(1)
Output filter inductor
COUT (2)
OUT(1)
GND
X5R or X7R, OUT-rated capacitor
ROUT (2)
OUT(1)
GND
Output ripple resistor
RFB1 (2)
OUT(1)
FB
Resistor divider to set buck output voltage
RFB2 (2)
FB
GND
(1)
OUT is not a pin on the DRV8350RF and DRV8353RF devices, but the regulated output voltage of the buck regulator after the output
inductor.
(2)
For detailed design procedures, refer to the LM5008A 100-V 350-mA Constant On-Time Buck Switching Regulator data sheet.
9.2.1.2.1 External MOSFET Support
The DRV835xF family of devices MOSFET support is based on the MOSFET gate charge, VCP charge-pump
capacity, VGLS regulator capacity, and output PWM switching frequency. For a quick calculation of MOSFET
driving capacity, use Equation 11 and Equation 12 for three phase BLDC motor applications.
Trapezoidal 120° Commutation: IVCP/VGLS > Qg × ƒPWM
(11)
Sinusoidal 180° Commutation: IVCP/VGLS > 3 × Qg × ƒPWM
(12)
where
• ƒPWM is the maximum desired PWM switching frequency.
• Qg is the MOSFET total gate charge
• IVCP/VGLS is the charge pump or low-side regulator capacity, dependent on the VM pin voltage.
• The MOSFET multiplier based on the commutation control method, may vary based on implementation.
9.2.1.2.1.1 MOSFET Example
If a system is using VVM = 48 V (IVCP = 25 mA) and a maximum PWM switching frequency of 45 kHz, then the
VCP charge-pump and VGLS regulator can support MOSFETs using trapezoidal commutation with a Qg < 556
nC, and MOSFETs using sinusoidal commutation with a Qg < 185 nC.
9.2.1.2.2 IDRIVE Configuration
The gate drive current strength, IDRIVE, is selected based on the gate-to-drain charge of the external MOSFETs
and the target rise and fall times at the outputs. If IDRIVE is selected to be too low for a given MOSFET, then the
MOSFET may not turn on completely within the tDRIVE time and a gate drive fault may be asserted. Additionally,
slow rise and fall times will lead to higher switching power losses. TI recommends adjusting these values in
system with the required external MOSFETs and motor to determine the best possible setting for any application.
The IDRIVEP and IDRIVEN current for both the low-side and high-side MOSFETs are independently adjustable on
SPI devices through the SPI registers. On hardware interface devices, both source and sink settings are
selected at the same time on the IDRIVE pin.
For MOSFETs with a known gate-to-drain charge Qgd, desired rise time (tr), and a desired fall time (tf), use
Equation 13 and Equation 14 to calculate the value of IDRIVEP and IDRIVEN (respectively).
gd
DRIVEP
r
Q
I
t
!
(13)
gd
DRIVEN
f
Q
I
t
!
(14)
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
www.ti.com
76
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com