Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 78 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 74Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 75Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 76Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 77Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 78Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 79Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 80Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 81Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 97 page
background image
VREF
O
VREF
V
V
V
0.25 V
2
(21)
Use Equation 22 to calculate the approximate value of the selected sense resistor with VO calculated using
Equation 21.
2
O
SENSE
RMS
V
V
R
P
I
R
A
I
!
u
u
(22)
From Equation 21 and Equation 22, select a target gain setting based on the power rating of the target sense
resistor.
9.2.1.2.4.1 Sense-Amplifier Example
In this system example, the value of VREF voltage is 3.3 V with a sense current from –40 to +40 A. The linear
range of the SOx output is 0.25 V to VVREF – 0.25 V (from the VLINEAR specification). The differential range of the
sense amplifier input is –0.3 to +0.3 V (VDIFF).
O
3.3 V
V
3.3 V
0.25 V
1.4 V
2
(23)
2
V
1.4 V
R
2 W
28.3
R
R
2.5 m
A
40 A
!
u
o
:
u
(24)
V
V
1.4 V
2.5 m
A
14
A
40 A
: !
o
!
u
(25)
Therefore, the gain setting must be selected as 20 V/V or 40 V/V and the value of the sense resistor must be
less than 2.5 mΩ to meet the power requirement for the sense resistor. For this example, the gain setting was
selected as 20 V/V. The value of the resistor and worst case current can be verified that R < 2.5 mΩ and Imax =
40 A does not violate the differential range specification of the sense amplifier input (VSPxD).
9.2.1.2.5 Single Supply Power Dissipation
Design care must be taken to make sure that the thermal ratings of the DRV835xF are not violated during
normal operation of the device. The is especially critical in higher voltage and higher ambient operation
applications where power dissipation or the device ambient temperature are increased.
To determine the temperature of the device in single supply operation, first the power internal power dissipation
must be calculated. The internal power dissipation has four primary components:
• VCP charge pump power dissipation (PVCP)
• VGLS low-side regulator power dissipation (PVGLS)
• VM device nominal power dissipation (PVM)
• VIN buck regulator power dissipation (PBUCK)
The values of PVCP and PVGLS can be approximated by referring to Section 9.2.1.2.1 to first determine IVCP and
IVGLS and then referring to Equation 26 and Equation 27.
PVCP = IVCP × (VVM + VVDRAIN)
(26)
PVGLS = IVGLS × VVM
(27)
The value of PVM can be calculated by referring to the data sheet parameter for IVM current and Equation 28.
PVM = IVM × VVM
(28)
PBUCK = (PO / η) - PO
(29)
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
www.ti.com
78
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com