Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 3Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 4Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 5Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 6Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 7Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 8Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 9Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 10Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 97 page
background image
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
DRV8353FH
DRV8353FS
INLA
33
33
I
Low-side gate driver control input. This pin controls the output of the low-side gate driver.
INLB
35
35
I
Low-side gate driver control input. This pin controls the output of the low-side gate driver.
INLC
37
37
I
Low-side gate driver control input. This pin controls the output of the low-side gate driver.
MODE
27
—
I
PWM input mode setting. This pin is a 4 level input pin set by an external resistor.
nFAULT
26
26
OD
Fault indicator output. This pin is pulled logic low during a fault condition and requires an external pullup resistor.
nSCS
—
30
I
Serial chip select. A logic low on this pin enables serial interface communication.
SCLK
—
29
I
Serial clock input. Serial data is shifted out and captured on the corresponding rising and falling edge on this pin.
SDI
—
28
I
Serial data input. Data is captured on the falling edge of the SCLK pin.
SDO
—
27
OD
Serial data output. Data is shifted out on the rising edge of the SCLK pin. This pin requires an external pullup resistor.
SHA
7
7
I
High-side source sense input. Connect to the high-side power MOSFET source.
SHB
14
14
I
High-side source sense input. Connect to the high-side power MOSFET source.
SHC
17
17
I
High-side source sense input. Connect to the high-side power MOSFET source.
SNA
10
10
I
Shunt amplifier input. Connect to the low-side of the current shunt resistor.
SNB
11
11
I
Shunt amplifier input. Connect to the low-side of the current shunt resistor.
SNC
20
20
I
Shunt amplifier input. Connect to the low-side of the current shunt resistor.
SOA
23
23
O
Shunt amplifier output.
SOB
22
22
O
Shunt amplifier output.
SOC
21
21
O
Shunt amplifier output.
SPA
9
9
I
Low-side source sense and shunt amplifier input. Connect to the low-side power MOSFET source and high-side of the current
shunt resistor.
SPB
12
12
I
Low-side source sense and shunt amplifier input. Connect to the low-side power MOSFET source and high-side of the current
shunt resistor.
SPC
19
19
I
Low-side source sense and shunt amplifier input. Connect to the low-side power MOSFET source and high-side of the current
shunt resistor.
VCP
5
5
PWR
Charge pump output. Connect a X5R or X7R, 1-µF, 16-V ceramic capacitor between the VCP and VDRAIN pins.
VDRAIN
4
4
I
High-side MOSFET drain sense input and charge pump reference. Connect to the common point of the MOSFET drains.
VDS
29
—
I
VDS monitor trip point setting. This pin is a 7 level input pin set by an external resistor.
VGLS
40
40
PWR
11-V internal regulator output. Connect a X5R or X7R, 1-µF, 16-V ceramic capacitor between the VGLS and GND pins.
VM
3
3
PWR
Gate driver power supply input. Connect to either VDRAIN or separate gate driver supply voltage. Connect a X5R or X7R,
0.1-µF, VM-rated ceramic and greater then or equal to 10-uF local capacitance between the VM and GND pins.
VREF
24
24
PWR
Shunt amplifier power supply input and reference. Connect a X5R or X7R, 0.1-µF, 6.3-V ceramic capacitor between the VREF
and AGND pins.
(1)
PWR = power, I = input, O = output, NC = no connection, OD = open-drain
www.ti.com
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com