Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 2Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 3Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 4Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 5Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 6Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 7Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 8Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 9Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 97 page
background image
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
DRV8350RFH
DRV8350RFS
VDS
31
—
I
VDS monitor trip point setting. This pin is a 7 level input pin set by an external resistor.
VGLS
2
2
PWR
11-V internal regulator output. Connect a X5R or X7R, 1-µF, 16-V ceramic capacitor between the VGLS and GND pins.
VIN
43
43
PWR
Buck regulator power supply input. Place an X5R or X7R, VM-rated ceramic capacitor between the VIN and GND pins.
VM
5
5
PWR
Gate driver power supply input. Connect to either VDRAIN or separate gate driver supply voltage. Connect a X5R or X7R,
0.1-µF, VM-rated ceramic and greater then or equal to 10-uF local capacitance between the VM and GND pins.
(1)
PWR = power, I = input, O = output, NC = no connection, OD = open-drain
1
CPL
30
GAIN
2
CPH
29
VDS
3
VM
28
IDRIVE
4
VDRAIN
27
MODE
5
VCP
26
nFAULT
6
GHA
25
AGND
7
SHA
24
VREF
8
GLA
23
SOA
9
SPA
22
SOB
10
SNA
21
SOC
Not to scale
Thermal
Pad
Figure 6-5. DRV8353FH RTA Package 40-Pin WQFN
With Exposed Thermal Pad Top View
1
CPL
30
nSCS
2
CPH
29
SCLK
3
VM
28
SDI
4
VDRAIN
27
SDO
5
VCP
26
nFAULT
6
GHA
25
AGND
7
SHA
24
VREF
8
GLA
23
SOA
9
SPA
22
SOB
10
SNA
21
SOC
Not to scale
Thermal
Pad
Figure 6-6. DRV8353FS RTA Package 40-Pin WQFN
With Exposed Thermal Pad Top View
Pin Functions—40-Pin DRV8353F Devices
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
DRV8353FH
DRV8353FS
AGND
25
25
PWR
Device analog ground. Connect to system ground.
CPH
2
2
PWR
Charge pump switching node. Connect a X5R or X7R, 47-nF, VDRAIN-rated ceramic capacitor between the CPH and CPL
pins.
CPL
1
1
PWR
Charge pump switching node. Connect a X5R or X7R, 47-nF, VDRAIN-rated ceramic capacitor between the CPH and CPL
pins.
DVDD
38
38
PWR
5-V internal regulator output. Connect a X5R or X7R, 1-µF, 6.3-V ceramic capacitor between the DVDD and GND pins. This
regulator can source up to 10 mA externally.
ENABLE
31
31
I
Gate driver enable. When this pin is logic low the device goes to a low power sleep mode. An 8 to 40-µs low pulse can be
used to reset fault conditions.
GAIN
30
—
I
Amplifier gain setting. The pin is a 4 level input pin set by an external resistor.
GND
39
39
PWR
Device power ground. Connect to system ground.
GHA
6
6
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GHB
15
15
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GHC
16
16
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GLA
8
8
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
GLB
13
13
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
GLC
18
18
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
IDRIVE
28
—
I
Gate drive output current setting. This pin is a 7 level input pin set by an external resistor.
INHA
32
32
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INHB
34
34
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INHC
36
36
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com