Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 23 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 19Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 20Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 21Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 22Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 23Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 24Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 25Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 26Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 97 page
background image
8.2 Functional Block Diagram
Gate Driver
Gate Driver
Gate Driver
Fault Output
Digital
Core
Control
Inputs
Power Supplies
VCP
Charge
Pump
DVDD
Linear
Regulator
VGLS
Linear
Regulator
Protection
Smart Gate
Drive
GHA
HS
VCP
SHA
GLA
LS
VGLS
SLA
VDRAIN
GHB
HS
VCP
SHB
GLB
LS
VGLS
SLB
VDRAIN
GHC
HS
VCP
SHC
GLC
LS
VGLS
SLC
VDRAIN
nFAULT
VDRAIN
VM
0.1 …F
VM
VCP
1 …F
>10 …F
CPH
CPL
DVDD
47 nF
1 …F
INHA
INLA
INHB
INLB
INHC
ENABLE
GND
VDS
IDRIVE
MODE
INLC
RPU
VCC
VGLS
1 …F
VDRAIN
Figure 8-1. Block Diagram for DRV8350FH
www.ti.com
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com