Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 22 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 18Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 19Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 20Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 21Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 22Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 23Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 24Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 25Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 97 page
background image
8 Detailed Description
8.1 Overview
The DRV835xF family of devices are integrated 100-V gate drivers for three-phase motor drive applications.
These devices decrease system component count, cost, and complexity by integrating three independent half-
bridge gate drivers, charge pump and linear regulator for the high-side and low-side gate driver supply voltages,
optional triple current shunt amplifiers, and an optional 350-mA buck regulator. A standard serial peripheral
interface (SPI) provides a simple method for configuring the various device settings and reading fault diagnostic
information through an external controller. Alternatively, a hardware interface (H/W) option allows for configuring
the most commonly used settings through fixed external resistors.
The gate drivers support external N-channel high-side and low-side power MOSFETs and can drive up to 1-A
source, 2-A sink peak currents with a 25-mA average output current. The high-side gate drive supply voltage is
generated using a doubler charge-pump architecture that regulates the VCP output to VVDRAIN + 10.5-V. The
low-side gate drive supply voltage is generated using a linear regulator from the VM power supply that regulates
the VGLS output to 14.5-V. The VGLS supply is further regulated to 11-V on the GLx low-side gate driver
outputs. A smart gate-drive architecture provides the ability to dynamically adjust the output gate-drive current
strength allowing for the gate driver to control the power MOSFET VDS switching speed. This allows for the
removal of external gate drive resistors and diodes reducing BOM component count, cost, and PCB area. The
architecture also uses an internal state machine to protect against gate-drive short-circuit events, control the
half-bridge dead time, and protect against dV/dt parasitic turnon of the external power MOSFET.
The gate drivers can operate in either a single or dual supply architecture. In the single supply architecture, VM
can be tied to VDRAIN and is regulated to the correct supply voltages internally. In the dual supply architecture,
VM can be connected to a lower voltage supply from a more efficient switching regulator to improve the device
efficiency. VDRAIN stays connected to the external MOSFETs to set the correct charge pump and overcurrent
monitor reference.
The DRV8353F and DRV8353RF devices integrate three, bidirectional current-shunt amplifiers for monitoring
the current level through each of the external half-bridges using a low-side shunt resistor. The gain setting of the
shunt amplifier can be adjusted through the SPI or hardware interface with the SPI providing additional flexibility
to adjust the output bias point.
The DRV8350RF and DRV8353RF devices integrate a 350-mA buck regulator that can be used to power an
external controller or other logic circuits. The buck regulator is implemented as a separate internal die that can
use either the same or a different power supply from the gate driver.
In addition to the high level of device integration, the DRV835xF family of devices provides a wide range of
integrated protection features. These features include power-supply undervoltage lockout (UVLO), gate drive
undervoltage lockout (GDUV), VDS overcurrent monitoring (OCP), gate-driver short-circuit detection (GDF), and
overtemperature shutdown (OTW/OTSD). Fault events are indicated by the nFAULT pin with detailed information
available in the SPI registers on the SPI device version.
The DRV835xF family of devices are available in 0.5-mm pin pitch, QFN surface-mount packages. The QFN
sizes are 5 × 5 mm for the 32-pin package, 6 × 6 mm for the 40-pin package, and 7 × 7 mm for the 48-pin
package.
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com