Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 68 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 64Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 65Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 66Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 67Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 68Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 69Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 70Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 71Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 97 page
background image
8.6.2.3 Gate Drive LS Register (address = 0x04h)
The gate drive LS register is shown in Figure 8-46 and described in Table 8-16.
Register access type: Read/Write
Figure 8-46. Gate Drive LS Register
10
9
8
7
6
5
4
3
2
1
0
CBC
TDRIVE
IDRIVEP_LS
IDRIVEN_LS
R/W-1b
R/W-11b
R/W-1111b
R/W-1111b
Table 8-16. Gate Drive LS Register Field Descriptions
Bit
Field
Type
Default
Description
10
CBC
R/W
1b
Active only when OCP_MODE = 01b
0b = For VDS_OCP and SEN_OCP, the fault is cleared after
tRETRY
1b = For VDS_OCP and SEN_OCP, the fault is cleared when
a new PWM input is given or after tRETRY
9-8
TDRIVE
R/W
11b
00b = 500-ns peak gate-current drive time
01b = 1000-ns peak gate-current drive time
10b = 2000-ns peak gate-current drive time
11b = 4000-ns peak gate-current drive time
7-4
IDRIVEP_LS
R/W
1111b
0000b = 50 mA
0001b = 50 mA
0010b = 100 mA
0011b = 150 mA
0100b = 300 mA
0101b = 350 mA
0110b = 400 mA
0111b = 450 mA
1000b = 550 mA
1001b = 600 mA
1010b = 650 mA
1011b = 700 mA
1100b = 850 mA
1101b = 900 mA
1110b = 950 mA
1111b = 1000 mA
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
www.ti.com
68
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com