Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 17 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 13Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 14Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 15Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 16Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 17Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 18Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 19Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 20Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 97 page
background image
at TA = –40°C to +125°C, VVM = 9 to 75 V, VVDRAIN = 9 to 100 V, VVIN = 48 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
H/W Device
4
VSEN_OCP
VSENSE overcurrent trip
voltage
SPI Device
SEN_LVL = 00b
0.25
V
SEN_LVL = 01b
0.5
SEN_LVL = 10b
0.75
SEN_LVL = 11b
1
H/W Device
1
tRETRY
Overcurrent retry time
SPI Device
TRETRY = 0b
8
ms
TRETRY = 1b
50
μs
H/W Device
8
ms
TOTW
Thermal warning temperature
Die temperature, TJ
130
150
170
°C
TOTSD
Thermal shutdown temperature
Die temperature, TJ
150
170
190
°C
THYS
Thermal hysteresis
Die temperature, TJ
20
°C
BUCK REGULATOR VCC
VVCC_REG
VCC regulator voltage
6.6
7
7.4
V
VVIN = 6 to 8.5 V
100
mV
VVCC_BYT
VCC bypass threshold
VVIN increasing
8.5
V
VVCC_BYH
VCC bypass hysteresis
300
mV
VVCC_OUT
VCC output impedance
VVIN = 6 V
100
Ω
VVIN = 10 V
8.8
Ω
VVIN = 48 V
0.8
Ω
VVCC_LIM
VCC current limit
9.2
mA
VVCC_UV
VCC undervoltage lockout
5.3
V
VVCC_UVH
VCC undervoltage lockout hysteresis
190
mV
VVCC_UVFD
VCC filter delay
3
μs
IIN_OP
IIN operating current
FB = 3 V
550
750
μA
IIN_OP
IIN shutdown current
RT/SD = 0 V
110
176
μA
BUCK REGULATOR SWITCHING
RDS(on)
Buck switch RDS(on)
ITEST = 200 mA
1.25
2.57
Ω
VGATE_UV
Gate drive undervoltage lockout
VBST - VSW rising
2.8
3.8
4.8
V
VGATE_UVH
Gate drive undervoltage lockout
hysteresis
490
mV
VSWITCH
Pre-charge switch voltage
At 1 mA
0.8
V
tON
Pre-charge switch on-time
150
ns
BUCK REGULATOR CURRENT LIMIT
ILIMIT
Current limit threshold
0.41
0.51
0.61
A
tLIM
Current limit response time
ISW overdrive = 0.1 A, time to switch off
350
ns
tOFF1
Off time generator
FB = 0 V, RCL = 100 kΩ
35
μs
tOFF2
Off time generator
FB = 2.3 V, RCL = 100 kΩ
2.56
μs
BUCK REGULATOR ON TIME GENERATOR
tON1
Ton 1
VVIN = 10 V, RON = 200 kΩ
2.15
2.77
3.5
μs
tON2
Ton 2
VVIN = 95 V, RON = 200 kΩ
200
300
420
μs
VSDT
Remote shutdown threshold
Rising
0.4
0.7
1.05
V
VSDH
Remote shutdown hysteresis
35
mV
BUCK REGULATOR MINIMUM OFF TIME
tOFF_MIN
Minimum off time
FB = 0 V
300
ns
BUCK REGULATOR REGULATIONS AND OV COMPARATORS
VFB
FB reference threshold
Internal reference, trip point for switch on
2.445
2.5
2.55
V
VFB_OV
FB overvoltage threshold
Trip point for switch off
2.875
V
IFB_BIAS
FB bias current
100
μA
BUCK REGULATOR THERMAL SHUTDOWN
www.ti.com
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com