Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 17Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 18Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 19Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 20Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 21Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 22Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 23Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 24Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
VCP Load Current (mA)
0
5
10
15
20
25
10
10.1
10.2
10.3
10.4
10.5
10.6
10.7
10.8
10.9
11
D007
TA = 40qC
TA = 25qC
TA = 125qC
VVM = 15-V
Figure 7-7. VCP Voltage Over Load Current
VGLS Load Current (mA)
0
5
10
15
20
25
14
14.2
14.4
14.6
14.8
15
15.2
15.4
15.6
15.8
16
D008
TA = 40qC
TA = 25qC
TA = 125qC
VVM = 15-V
Figure 7-8. VGLS Voltage Over Load Current
VCP Load Current (mA)
0
5
10
15
20
9
9.2
9.4
9.6
9.8
10
10.2
10.4
10.6
10.8
11
D009
TA = 40qC
TA = 25qC
TA = 25qC
VVM = 12-V
Figure 7-9. VCP Voltage Over Load Current
VGLS Load Current (mA)
0
5
10
15
20
11
11.2
11.4
11.6
11.8
12
12.2
12.4
12.6
12.8
13
D010
TA = 40qC
TA = 25qC
TA = 125qC
VVM = 12-V
Figure 7-10. VGLS Voltage Over Load Current
VCP Load Current (mA)
0
2
4
6
8
10
7
7.2
7.4
7.6
7.8
8
8.2
8.4
8.6
8.8
9
D011
TA = 40qC
TA = 25qC
TA = 125qC
VVM = 9-V
Figure 7-11. VCP Voltage Over Load Current
VGLS Load Current (mA)
0
2
4
6
8
10
8
8.2
8.4
8.6
8.8
9
9.2
9.4
9.6
9.8
10
D012
TA = 40qC
TA = 25qC
TA = 125qC
VVM = 9-V
Figure 7-12. VGLS Voltage Over Load Current
www.ti.com
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com