Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 58 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 54Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 55Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 56Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 57Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 58Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 59Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 60Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 61Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 97 page
background image
Table 8-6. Fault Action and Response (continued)
FAULT
CONDITION
CONFIGURATION
REPORT
GATE DRIVER
RECOVERY
OCP_MODE = 01b
nFAULT
Hi-Z
Retry:
tRETRY
OCP_MODE = 10b
nFAULT
Active
No action
OCP_MODE = 11b or
DIS_SEN = 1b
None
Active
No action
Gate Driver Fault
(GDF)
VGS Stuck > tDRIVE
DIS_GDF = 0b
nFAULT
Hi-Z
Latched:
CLR_FLT, ENABLE Pulse
DIS_GDF = 1b
None
Active
No action
Thermal Warning
(OTW)
TJ > TOTW
OTW_REP = 1b
nFAULT
Active
Automatic:
TJ < TOTW – THYS
OTW_REP = 0b
None
Active
No action
Thermal Shutdown
(OTSD)
TJ > TOTSD
—
nFAULT
Hi-Z
Automatic:
TJ < TOTSD – THYS
8.4 Device Functional Modes
8.4.1 Gate Driver Functional Modes
8.4.1.1 Sleep Mode
The ENABLE pin manages the state of the DRV835xF family of devices. When the ENABLE pin is low, the
device goes to a low-power sleep mode. In sleep mode, all gate drivers are disabled, all external MOSFETs are
disabled, the VCP charge pump and VGLS regulator are disabled, the DVDD regulator is disabled, the sense
amplifiers are disabled, and the SPI bus is disabled. In sleep mode all the device registers will reset to their
default values. The tSLEEP time must elapse after a falling edge on the ENABLE pin before the device goes to
sleep mode. The device comes out of sleep mode automatically if the ENABLE pin is pulled high. The tWAKE time
must elapse before the device is ready for inputs.
In sleep mode and when VVM < VUVLO, all external MOSFETs are disabled. The high-side gate pins, GHx, are
pulled to the SHx pin by an internal resistor and the low-side gate pins, GLx, are pulled to the PGND pin by an
internal resistor.
8.4.1.2 Operating Mode
When the ENABLE pin is high and VVM > VUVLO, the device goes to operating mode. The tWAKE time must
elapse before the device is ready for inputs. In this mode the charge pump, low-side gate regulator, DVDD
regulator, and SPI bus are active
8.4.1.3 Fault Reset (CLR_FLT or ENABLE Reset Pulse)
In the case of device latched faults, the DRV835xF family of devices goes to a partial shutdown state to help
protect the external power MOSFETs and system.
When the fault condition has been removed the device can reenter the operating state by either setting the
CLR_FLT SPI bit on SPI devices or issuing a result pulse to the ENABLE pin on either interface variant. The
ENABLE reset pulse (tRST) consists of a high-to-low-to-high transition on the ENABLE pin. The low period of the
sequence should fall with the tRST time window or else the device will start the complete shutdown sequence.
The reset pulse has no effect on any of the regulators, device settings, or other functional blocks
8.4.2 Buck Regulator Functional Modes
8.4.2.1 Shutdown Mode
The RT/SD pin provides ON and OFF control for the LM5008A. When VSD is below approximately 0.7 V, the
device is in shutdown mode. Both the internal LDO and the switching regulator are off. The quiescent current in
shutdown mode drops to 110 µA (typical) at VIN = 48 V. The LM5008A also employs VCC bias rail undervoltage
protection. If the VCC bias supply voltage is below its UV threshold, the regulator stays off.
8.4.2.2 Active Mode
LM5008A is in active mode when the internal bias rail, VCC, is above its UV threshold. Depending on the load
current, the device operates in either DCM or CCM mode.
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
www.ti.com
58
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com